Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2926IGN
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2926IGN Datasheet HTML 10Page - Linear Technology LTC2926IGN Datasheet HTML 11Page - Linear Technology LTC2926IGN Datasheet HTML 12Page - Linear Technology LTC2926IGN Datasheet HTML 13Page - Linear Technology LTC2926IGN Datasheet HTML 14Page - Linear Technology LTC2926IGN Datasheet HTML 15Page - Linear Technology LTC2926IGN Datasheet HTML 16Page - Linear Technology LTC2926IGN Datasheet HTML 17Page - Linear Technology LTC2926IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC2926
14
2926fa
Status Output
The output aspect of the STATUS/PGI pin allows the
LTC2926 to control and communicate with external
downstream circuits. The pin is driven internally by an
N-channel MOSFET pull-down to GND and a 10µA pull-
up to an internal charge pump. The pull-down keeps the
STATUS/PGI pin low until MGATE, SGATE1 and SGATE2
are fully enhanced, and the remote sense switches are
closed. The pull-down then shuts off, and STATUS/PGI
pin rises, indicating to downstream monitors that the
supplies are fully ramped up. The STATUS/PGI pin pulls
low when the MGATE, SGATE1, SGATE2 or RSGATE pin
is low, either because a fault has been latched, or because
the ON pin is low.
An internal charge pump rail at VCC + 5.5V sources the
STATUS/PGI pull-up current. An external resistor may be
added to create logic level voltages, or the pin may be
used to enhance the gates of external N-channel MOSFET
switches, if desired.
Power Good Timeout
The input aspect of the STATUS/PGI pin allows external
downstream monitoring circuits to control the LTC2926 as
shown in Figure 9. The power good timeout circuit discon-
nects the supply generators if for any reason the voltage
level of the STATUS/PGI pin is not high after the timeout
period. During a ramp-up, the timeout circuit will trip if the
internal pull-down on STATUS/PGI fails to release, which
indicates that supply ramping was not completed in the
time allotted. If supply ramping completes, any downstream
circuits that pull down the STATUS/PGI pin after the timer
duration also will trip the timeout circuit. A fault caused
by a power good timeout has the same effect as a fault
triggered by the FAULT pin: supplies are disconnected
and the fault latch is set. The fault latch may be cleared as
described in the Fault Input/Output section above.
The power good timer duration is configured by a capacitor
tied between PGTMR and GND. The pin’s 10µA current
source ramps up the capacitor voltage when the ON pin is
high, otherwise 4mA pulls PGTMR to GND. The capacitor,
CPGTMR, required to configure the power good timeout
duration, tPGTMR, is determined from:
C
At
V
PGTMR
PGTMR
=
µ
10
123
•
.
If the power good timeout feature is not used, tie PGTMR
to GND.
Retry on Fault
The LTC2926 continuously attempts to ramp up the supplies
after a fault if the FAULT pin is tied to the ON pin. When
the FAULT and ON pins go low together, the internal fault
latch is set by the falling FAULT pin, and the fault latch is
reset by the falling ON pin. A short internal delay of several
microseconds guarantees triggering of fast pull-down
circuits on the RSGATE, MGATE, SGATE1 and SGATE2
pins, which opens the remote sense switches and discon-
nects the master and slave supplies before the fault latch
is reset. If no external signal pulls down the FAULT pin,
the internal 8.5µA pull-up current or an external pull-up
resistor increases the ON (and FAULT) pin voltage above
0.6V, which arms the fault latch. A ramp-up begins when
ON is above 1.23V.
In applications where the LTC2926 is configured for fault
retry, some details of the retry behavior are determined by
the source and duration of the fault signal. When a fault
is triggered by an external pull-down signal on the FAULT
(and ON) pin, supply ramping will not restart until the low
input ceases. When a power good fault is triggered by an
external pull-down signal on the STATUS/PGI pin, supply
ramping restarts immediately. If the low signal persists
APPLICATIO S I FOR ATIO
Figure 9. External Load Monitor Controlling LTC2926 via Power
Good Input
2926 F09
LTC2926
FB1
GND PGTMR
CPGTMR
STATUS/PGI
ON
ON/OFF
SGATE2
10
Ω
Q2
SGATE1
10
Ω
RFB1
RFA1
FB2
RFB2
RFA2
S1
RST
V2
V1
TOL
S2
RST
GND
1.8V
SOURCE
Q1
1.8V
SLAVE1
2.5V
SOURCE
2.5V
SLAVE2
LTC2904
LOAD VOLTAGE
MONITOR
(10% TOLERANCE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com