Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2926IGN
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2926IGN Datasheet HTML 15Page - Linear Technology LTC2926IGN Datasheet HTML 16Page - Linear Technology LTC2926IGN Datasheet HTML 17Page - Linear Technology LTC2926IGN Datasheet HTML 18Page - Linear Technology LTC2926IGN Datasheet HTML 19Page - Linear Technology LTC2926IGN Datasheet HTML 20Page - Linear Technology LTC2926IGN Datasheet HTML 21Page - Linear Technology LTC2926IGN Datasheet HTML 22Page - Linear Technology LTC2926IGN Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC2926
19
2926fa
have 1% tolerance. The 3-step design procedure detailed
above can be used to determine component values. Only
the slave 1 supply is considered here, as the procedure
is the same for the slave 2 supply.
1. Set the ramp rate of the master signal.
From Equation 1:
C
A
Vs
F
MGATE ==
10
100
01
µ
µ
.
2. Choose the feedback resistors based on the slave supply
voltage and slave load.
RL = 150Ω
From Equation 2:
RFB ≥ 100 • 150Ω = 15kΩ
Choose RFB = 15.0kΩ.
From Equation 3:
Rk
V
V
FA <•
⎛
⎝⎜
⎞
⎠⎟
−
⎛
⎝⎜
⎞
⎠
15 0
099
101
198
0 784
1
.
.
.
.
.
Ω
⎟⎟ = 964
.k
Ω
Choose RFA = 9.53kΩ.
3. Solve for the tracking resistors that set the desired ramp
rate and voltage offset or time delay of the slave supply.
From Equation 4:
Rk
Vs
Vs
k
TB =•
⎛
⎝⎜
⎞
⎠⎟
=
15 0
100
100
15 0
..
ΩΩ
Since no offset or delay is required, Equation 5c applies:
ΔV = 0V
From Equation 6:
R
V
V
k
V
k
V
k
V
TA =
+−+
08
08
15 0
08
953
08
15 0
0
.
.
.
.
.
.
.
ΩΩΩ 115 0
953
.
.
k
k
Ω
Ω
=
In this example, all supplies remain low while the ON pin
is held below 1.23V. When the ON pin rises above 1.23V,
10µA pulls up CMGATEandthegateofMOSFETQ0at100V/s.
The source of Q0 follows the gate and pulls up the output
to 3.3V at the rate of 100V/s. This output serves as the
master ramp and is buffered from the RAMP pin to the
RAMPBUF pin. As the master output and the RAMPBUF
pin rise, the current from the TRACK pins is reduced. Con-
sequently, the voltage at the FB pins begins to fall below
0.8V, which causes the SGATE pins to rise. The sources
of the slave supply MOSFETs, Q1 and Q2, follow the rising
SGATE signals, and the slave supplies track the master
supply. When all the supplies have finished ramping, the
RSGATE pin voltage rises to close the integrated remote
sense switches, which allows the slave supply modules
to compensate for voltage drops in the series MOSFETs. If
the supplies have ramped within the power good timeout
period (about 123ms in this example), the STATUS/PGI
pin will rise, indicating completed ramping. When the
ON pin is again pulled below 1.23V, the STATUS/PGI pin
falls and the RSGATE pin falls, which opens the remote
sense switches. Next, 10µA will pull down CMGATE and the
gate of MOSFET Q0 at 100V/s. If the loads on the outputs
are sufficient, all outputs will track down coincidently at
100V/s.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com