Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2926IGN
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC2926IGN Datasheet HTML 1Page - Linear Technology LTC2926IGN Datasheet HTML 2Page - Linear Technology LTC2926IGN Datasheet HTML 3Page - Linear Technology LTC2926IGN Datasheet HTML 4Page - Linear Technology LTC2926IGN Datasheet HTML 5Page - Linear Technology LTC2926IGN Datasheet HTML 6Page - Linear Technology LTC2926IGN Datasheet HTML 7Page - Linear Technology LTC2926IGN Datasheet HTML 8Page - Linear Technology LTC2926IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC2926
3
2926fa
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
Input Supply Voltage
Operating Range
2.9
3.3
5.5
V
ICC
Input Supply Current
ITRACKn = 0mA, IFBn = 0mA,
IRAMPBUF = 0mA
1.5
2.5
3.5
mA
ITRACKn = –1mA, IFBn = –1mA,
IRAMPBUF = –3mA
8.5
9.5
10.5
mA
VCC(UVLO)
Input Supply Undervoltage Lockout
VCC Rising
2.2
2.4
2.6
V
ΔVCC(UVLO)
Input Supply Undervoltage Lockout
Hysteresis
15
50
75
mV
Control and I/O
VON(TH)
ON Pin Threshold Voltage
VON Rising
1.20
1.23
1.26
V
ΔVON(TH)
ON Pin Threshold Voltage Hysteresis
40
75
110
mV
ION
ON Pin Input Current
VON = 1.2V, VCC = 5.5V
0
±100
nA
VON(CLR)
ON Pin Fault Clear Threshold Voltage
VON Falling
0.465
0.500
0.535
V
tCLR
Fault Clear Delay
VON Falling
1
3
10
µs
VON(ARM)
ON Pin Fault Arm Threshold Voltage
VON Rising
0.565
0.600
0.635
V
tARM
Fault Arm Delay
VON Rising
1
4.5
10
µs
VFAULT(TH)
FAULT Pin Input Threshold Voltage
VFAULT Falling
0.465
0.500
0.535
V
IFAULT(UP)
FAULT Pin Pull-up Current
Fault Latch Clear, VFAULT = 1.5V
–3.0
–8.5
–13
µA
VFAULT(OL)
FAULT Pin Output Low Voltage
Fault Latch Set, IFAULT = 5mA, VCC = 2.7V
100
400
mV
VFAULT(OH)
FAULT Pin Output High Voltage
(VCC – VFAULT)
Fault Latch Clear, IFAULT = –1µA
300
550
900
mV
VPGI(TH)
STATUS/PGI Pin Input Threshold
Voltage
VSTATUS/PGI Rising
1.10
1.23
1.36
V
ΔVPGI(TH)
STATUS/PGI Pin Input Threshold
Voltage Hysteresis
30
75
150
mV
IPGI(UP)
STATUS/PGI Pin Pull-Up Current
STATUS/PGI On, VSTATUS/PGI = 1.5V
–7
–10
–13
µA
VSTATUS(OL)
STATUS/PGI Pin Output Low Voltage
VON Low, ISTATUS/PGI = 5mA, VCC = 2.7V
200
400
mV
VSTATUS(OH)
STATUS/PGI Pin Output High Voltage
(VSTATUS/PGI – VCC)
ISTATUS/PGI = –1µA
5.0
5.5
6.0
V
VPGTMR(TH)
PGTMR Pin Threshold Voltage
VPGTMR Rising
1.10
1.23
1.36
V
IPGTMR(UP)
PGTMR Pin Pull-Up Current
ON High, VPGTMR = 1V
–8
–10
–12
µA
IPGTMR(DN)
PGTMR Pin Pull-Down Current
ON Low, VPGTMR = 0.1V, VCC = 2.7V
0.5
4
10
mA
VPGTMR(CLR)
PGTMR Pin Clear Threshold Voltage
VPGTMR Falling
50
100
150
mV
Ramp Buffer
IRAMP(IN)
RAMP Pin Input Current
0V < VRAMP < 5.5V, VCC = 5.5V
0±1
µA
VRAMPBUF(OS)
Ramp Buffer Offset Voltage
VRAMP = 1/2 VCC, IRAMPBUF = 0mA
0
±10
mV
VRAMPBUF(OL)
RAMPBUF Pin Output Low Voltage
IRAMPBUF = 3mA
32
60
mV
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com