Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926IGN Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2926IGN
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926IGN Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2926IGN Datasheet HTML 20Page - Linear Technology LTC2926IGN Datasheet HTML 21Page - Linear Technology LTC2926IGN Datasheet HTML 22Page - Linear Technology LTC2926IGN Datasheet HTML 23Page - Linear Technology LTC2926IGN Datasheet HTML 24Page - Linear Technology LTC2926IGN Datasheet HTML 25Page - Linear Technology LTC2926IGN Datasheet HTML 26Page - Linear Technology LTC2926IGN Datasheet HTML 27Page - Linear Technology LTC2926IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTC2926
25
2926fa
APPLICATIO S I FOR ATIO
Under worst-case conditions, FB pin voltages may reach
the maximum clamp voltage of 2.4V. To limit the slave
voltage offset to below 100mV, choose RFB ≥ 23 • RL.
Add a resistor in parallel with the load to strengthen weak
resistive loads as required.
Start-Up Delays
Often power supplies do not start up immediately when
their input supplies are applied. If the LTC2926 tries to ramp
up these power supplies as soon as the input supply is
present, the start-up of the outputs may be delayed, which
defeats the tracking circuit. Make sure the ON pin does not
initiate ramp-up until all supply sources are available.
RAMP Pin Clamp
The RAMP pin is weakly clamped to the VCC pin. When
MGATE and RAMP are tied together their pin voltages will
not exceed VCC + 1V. If the RAMP pin is driven by a low
impedance source that can exceed VCC, include a series
resistor to limit the current to <20µA. Use 50k
Ωpersource
volt above VCC.
Figure 24. Tracking Effects of Weak Resistive Load
Figure 25. Layout Considerations
2926 F24
500mV/DIV
MASTER
SLAVE2
SLAVE1
5ms/DIV
LARGE
τL = RLCL
RL ≈ RFB
SLAVE
LOAD
2926 F25
OUT
SENSE
100
KELVIN-SENSE
CONNECTIONS
KELVIN-SENSE
CONNECTIONS
KELVIN-SENSE
CONNECTIONS
SUPPLY
MODULE
MINIMIZE
TRACE LENGTH
MINIMIZE
TRACE
LENGTH
Q1
LTC2926
S1
GND
SGATE1
GND
FB1
VCC
D1
RFB
RFA
0.1
µF
10
Layout Considerations
Be sure to place a 0.1µF bypass capacitor as near as pos-
sible to the supply pin of the LTC2926.
To minimize the noise on the slave supplies’ outputs, keep
the traces connecting the FB pins of the LTC2926 and the
feedback nodes of the slave supplies’ resistive voltage
dividers as short as possible. In addition, do not route
those traces next to signals with fast transitions times.
To get the best compensation of the series I • R drops
of the external MOSFETs, make sure the supply output
nodes and the supply generator sense connections use
Kelvin-sensing. The feedback resistive voltage divider
should Kelvin-sense the slave supply output node for
accuracy, as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com