Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2926IGN
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2926IGN Datasheet HTML 13Page - Linear Technology LTC2926IGN Datasheet HTML 14Page - Linear Technology LTC2926IGN Datasheet HTML 15Page - Linear Technology LTC2926IGN Datasheet HTML 16Page - Linear Technology LTC2926IGN Datasheet HTML 17Page - Linear Technology LTC2926IGN Datasheet HTML 18Page - Linear Technology LTC2926IGN Datasheet HTML 19Page - Linear Technology LTC2926IGN Datasheet HTML 20Page - Linear Technology LTC2926IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC2926
17
2926fa
Three-Step Design Procedure
The following three-step design procedure allows one
to choose the FBn resistors, RFAn and RFBn, the TRACKn
resistors, RTAn and RTBn, and the master ramp capacitor,
CMGATE, that give any of the tracking or sequencing profiles
shown in Figures 1 to 4. A three-supply application circuit
is shown in Figure 12.
1. Set the ramp rate of the master signal.
Solve for the value of CMGATE, the capacitor on the MGATE
pin, based on the desired ramp rate (volts per second)
of the master ramp signal, SM, and the MGATE pull-up
current IMGATE, which is nominally 10µA.
C
I
S
MGATE
MGATE
M
=
(1)
If the master ramp signal is a master supply, consider
the gate capacitance of the required external N-channel
MOSFET. If the gate capacitance is comparable to CMGATE,
reduce the external capacitor’s value to compensate for
the gate capacitance of the MOSFET.
If the master ramp signal is not a master supply, tie the
RAMP pin to the MGATE pin.
2. Choose the feedback resistors based on the slave
supply voltage and slave load.
It is important that the feedback resistors are significantly
larger than the load resistance, especially as the slave
voltage nears ground (see Load Requirements).
First determine the effective slave load resistance, RL (not
shown), at low slave voltage levels, and select the value
of the top feedback resistor, RFB, to satisfy:
RFB ≥ 100 • RL (recommended),
RFB ≥ 23 • RL (required)
(2)
Second, determine a value for the lower feedback resistor,
RFA, that will ensure that the LTC2926 fully enhances the
gate of the slave control MOSFET at the end of ramping.
Select RFA based on RFB, the resistor tolerance, TOLR, and
the maximum slave supply voltage, VSLAVE(max):
RR
TOL
TOL
V
V
FA
FB
R
R
SLAVE
<• −
+
⎛
⎝⎜
⎞
⎠⎟
1
1
0 784
(max)
.
−−
⎛
⎝⎜
⎞
⎠⎟
1
(3)
Note: Choose the value of VSLAVE(max) to cover all slave
supply voltage tolerances by a good margin. Exceeding the
VSLAVE(max) voltage used for this calculation can result in
triggering a Power Good Fault unintentionally.
If the slave generator has an accessible resistive divider
and a ground-based voltage reference, it may be able to
be controlled without a series MOSFET. In that case, let
the generator’s design set RFA and RFB, substitute the
generator’s reference voltage for VFB(REF) in step 3, and
see the subsection Slave Control Without MOSFETs.
3. Solve for the tracking resistors that set the desired
ramp rate and voltage offset or time delay of the slave
supply.
Choose a ramp rate for the slave supply, SS. If the slave
supply tracks coincidently with the master supply or with
only a fixed offset or delay, then the slave ramp rate equals
the master ramp rate. Be sure that the slave ramp rate and
its offset or delay allows the slave voltage to finish ramping
Figure 12. Three-Supply Application
APPLICATIO S I FOR ATIO
RTB1
RTA1
2926 F12
LTC2926
S1
FB1
RAMPBUF
TRACK1
TRACK2
GND
PGTMR
VIN
RTB2
RTA2
FAULT
10k
CPGTMR
CMGATE
MGATE
0.1
µF
10
Ω
VCC
RAMP
VIN
STATUS
STATUS/PGI
ON
ON/OFF
10k
VIN
Q0
SGATE2
10
Ω
Q2
SGATE1
10
Ω
MASTER
D1
RFB1
RFA1
S2
FB2
D2
RFB2
RFA2
FAULT
OUT
IN
SENSE
RX1
SUPPLY MODULE
VIN
Q1
SLAVE1
OUT
IN
SENSE
RX2
SUPPLY MODULE
VIN
SLAVE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com