Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3726IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3726IGN
Description  Secondary-Side Synchronous Forward Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3726IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3726IGN Datasheet HTML 3Page - Linear Technology LTC3726IGN Datasheet HTML 4Page - Linear Technology LTC3726IGN Datasheet HTML 5Page - Linear Technology LTC3726IGN Datasheet HTML 6Page - Linear Technology LTC3726IGN Datasheet HTML 7Page - Linear Technology LTC3726IGN Datasheet HTML 8Page - Linear Technology LTC3726IGN Datasheet HTML 9Page - Linear Technology LTC3726IGN Datasheet HTML 10Page - Linear Technology LTC3726IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC3726
3726fb
BLOCK DIAGRA
–
+
–
+
11
10
IS
+
IS
–
5
ITH
4
FB/PHASE
7
SLP
3
MODE
6
RUN/SS
9
FS/SYNC
2V
2
×
32
×
C
–
+
EA
2.5V
RUN/SS
0.60V
–
+
C
–
+
C
0.25V
3.2V
ITRP
SKIP
BLANK
WAIT
OVP
R
Q
S
DMAX
PWM
RESET
DOMINANT
OVP
VCC
VCC
PGND
VCC
FG
PGND
WAIT
ZERO
CROSSING
DETECT
DRIVE
TYPE
DRIVE/DMAX
CONTROL
OSC
AND
PLL
SOFT-
START
4VSB
FB
VCCUV
WAIT
OC
OC
UVLO
VCCUV
SLOPE
COMP 1
DRIVER
ENCODING
AND
LOGIC
BLANK
DMAX
13
SG
0.2V
1
SW
12
PT+
2
–
+
VCC
15
PT –
PULSE
XFMR
14
VCC
19
GND
8
REG
4VSB
1.24V
VREF
••
gm = 2.8mS
–
+
C
OVERCURRENT
3726 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com