Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3726IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3726IGN
Description  Secondary-Side Synchronous Forward Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3726IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3726IGN Datasheet HTML 8Page - Linear Technology LTC3726IGN Datasheet HTML 9Page - Linear Technology LTC3726IGN Datasheet HTML 10Page - Linear Technology LTC3726IGN Datasheet HTML 11Page - Linear Technology LTC3726IGN Datasheet HTML 12Page - Linear Technology LTC3726IGN Datasheet HTML 13Page - Linear Technology LTC3726IGN Datasheet HTML 14Page - Linear Technology LTC3726IGN Datasheet HTML 15Page - Linear Technology LTC3726IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC3726
3726fb
RELATED PARTS
©LINEAR TECHNOLOGY CORPORATION 2006
LT 0207 REV B • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1534
Ultralow Noise 2A Switching Regulator
Reduces Conducted and Radiated EMI, Low Switching Harmonics,
20kHz to 250kHz Switching Frequency
LT1619
Low Voltage Current Mode Controller
1.9V
≤ VIN ≤ 18V, 300kHz Operation, Boost, Flyback, SEPIC
LT1681/LT3781
Dual Transistor Synchronous Forward Controller
Operation Up to 72V Maximum
LT1725
General Purpose Isolated Flyback Controller
No Optoisolator Required, Accurate Regulation Without User Trims,
50kHz to 250kHz Switching Frequency, SSOP-16 Package
LTC1871
Wide Input Range, No RSENSE™ Controller
Operation as Low as 2.5V Input, Boost, Flyback, SEPIC
LT1910
Protected High Side MOSFET Driver
8V to 48V Supply Range, Protected –15V to 60V Supply Transient
LT1952
Single Switch Forward Controller
25W to 500W; Synchronous Controller
LTC3440
Micropower Buck-Boost DC/DC Converter
Synchronous, Single Inductor, No Schottky Diode Required
LTC3704
Positive-to-Negative DC/DC Controller
2.5V
≤ VIN ≤ 36V, No RSENSE Current Mode Operation,
Excellent Transient Response
LTC3705
Two-Switch Forward Converter Gate Driver and Controller
Use with LTC3726, Isolated Power Supplies, High Speed Gate Drivers
LT3706
PolyPhase Secondary Side Controller
Scalable Output Power; Self-Starting Architecture
LTC3722
Full Bridge Controller
Synchronous; ZVS Operation; 24-Pin SSOP
LTC3725
Two-Switch Forward Controller
On-Chip Gate-Driver; Fast Startup
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
NDRV
GND
PGND VSLMT
UVLO
BOOST
LTC3705
BAS21
FQT7N10
0.22
µF
2.2nF
250V
1nF
100V
1nF
100V
10
µF
25V
2.2
µF
16V
CMPSH1-4
1.2
Ω
5K
7.5V
L2 1.2
µH
10
Ω
0.25W
10
Ω
0.25W
TG TS BG IS
T2
1
µF
162k
L1: VISHAY IHLP-2525CZ-01
L2: COILCRAFT SER2010-122
T1: PULSE PA0807
T2: PULSE PA0297
33nF
30m
Ω
1W
2m
Ω
2W
Si7336ADP
Si7336ADP
×2
T1
2:1
9:2
•
•
MURS120
MURS120
VCC
33nF
1nF
15k
1%
365k
1%
100k
2.2
µF
25V
SS/FLT
FB/IN+
FS/IN–
VIN
–
VIN
+
L1 1
µH
330
µF
6.3V
×3
1
µF
470pF
680pF
FG
SW SG
CZT3019
VCC
GND
PGND
SLP
MODE
PT+
IS
+
IS
–
PT–
RUN/SS
LTC3726
ITH
22.6k
1%
100k
20k
680pF
102k
1%
VOUT
–
3726 F05
VOUT
+
FB/PHASE
FS/SYNC
0.1
µF
5k
1nF
•
•
1
µF
100V
1
µF
100V
x3
100
Ω
100
Ω
100
Ω
100
Ω
Si7852DP
Si7852DP
FZT690B
TYPICAL APPLICATIO
No RSENSE is a trademark of Linear Technology Corporation.
Figure 5. 36V-72V to 3.3V/20A Isolated Forward Converter
(See Typical Performance Characteristics)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com