Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3726IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3726IGN
Description  Secondary-Side Synchronous Forward Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3726IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3726IGN Datasheet HTML 7Page - Linear Technology LTC3726IGN Datasheet HTML 8Page - Linear Technology LTC3726IGN Datasheet HTML 9Page - Linear Technology LTC3726IGN Datasheet HTML 10Page - Linear Technology LTC3726IGN Datasheet HTML 11Page - Linear Technology LTC3726IGN Datasheet HTML 12Page - Linear Technology LTC3726IGN Datasheet HTML 13Page - Linear Technology LTC3726IGN Datasheet HTML 14Page - Linear Technology LTC3726IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC3726
3726fb
have a single resistor to VCC to activate Slave mode and set
the phase angle (delay) of the internal oscillator relative to
the incoming sync signal on the FS/SYNC pin. Any one of
six preset values can be selected as summarized in Table 4.
Table 4
FB/PHASE PIN
PHASE DELAY
OPERATING MODE
VFB/PHASE < 2V
0
°
Master
VFB/PHASE = VCC
180
°
Slave
200k
Ω to VCC
60
°
Slave
100k
Ω to VCC
90
°
Slave
50k
Ω to VCC
120
°
Slave
OPERATIO
APPLICATIO S I FOR ATIO
Start-Up Considerations
In self-starting applications, the LTC3705/LTC3725 will
initially begin the soft-start of the converter in an open-
loop fashion. After bias is obtained on the secondary side,
the LTC3726 assumes control and completes the soft-
start interval. In order to ensure that control is properly
transferred from the LTC3705/LTC3725 (primary-side) to
the LTC3726 (secondary-side), it is necessary to limit the
rate of rise on the primary-side soft-start ramp so that the
LTC3726 has adequate time to wake up and assume
control before the output voltage gets too high. This
condition is satisfied for many applications if the following
relationship is maintained:
CSS,SEC ≤ CSS PRI
However, care should be taken to ensure that soft-start
transfer from primary-side to secondary-side is com-
pleted well before the output voltage reaches its target
value. A good design goal is to have the transfer completed
when the output voltage is less than one-half of its target
value. Note that the fastest output voltage rise time during
primary-side soft-start mode occurs with maximum input
voltage and minimum load current.
The open-loop start-up frequency on the LTC3705/LTC3725
is set by placing a resistor from the FB/IN+ pin to GND.
Although the exact start-up frequency on the primary side
is not critical, it is generally good practice to set this
approximately equal to the operating frequency on the
secondary side. The FS/IN– start-up resistor for the
LTC3705/LTC3725 may be selected using the following:
fHz
Rk
PRI
FS IN
()
.•
–
/
=
+
32 10
10
10
In the event that the secondary-side circuitry fails to
properly start up and assume control of switching, there
are several fail-safe mechanisms to help avoid overvoltage
conditions. First, the LTC3705/LTC3725 contains a volt-
second clamp that will keep the primary-side duty cycle at
a level that cannot produce an overvoltage condition.
Second, the LTC3705/LTC3725 contains a time-out fea-
ture that will detect a FAULT if the LTC3726 fails to start up
and deliver PWM signals to the primary side. Finally, the
LTC3726 has an independent overvoltage detection circuit
that will crowbar the output of the DC/DC converter using
the synchronous MOSFET switch.
In the event that a short circuit is applied to the output of
the DC/DC converter prior to start-up, the LTC3726 will
generally not receive enough bias voltage to operate. In
this case, the LTC3705/LTC3725 will detect a FAULT for
Slave Mode Operation
When two or more LTC3726 devices are used in PolyPhase
systems, one device becomes the “Master” controller,
while the others are used as “Slaves.” Slave mode is
activated when the FB/PHASE pin is greater than approxi-
mately 2V. In this mode, the ITH pin becomes a high-
impedance input, allowing it to be driven by the Master
controller. In this way, equal inductor currents are estab-
lished in each of the individual phases. Also, in slave
mode, the soft-start charge/discharge currents are dis-
abled, allowing the Master device to control the charging
and discharging of the soft-start capacitor.
In slave mode, the phase angle of each LTC3726 can be set
by using the FB/PHASE pin. This pin can be tied to VCC, or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com