Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3726IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3726IGN
Description  Secondary-Side Synchronous Forward Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3726IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC3726IGN Datasheet HTML 1Page - Linear Technology LTC3726IGN Datasheet HTML 2Page - Linear Technology LTC3726IGN Datasheet HTML 3Page - Linear Technology LTC3726IGN Datasheet HTML 4Page - Linear Technology LTC3726IGN Datasheet HTML 5Page - Linear Technology LTC3726IGN Datasheet HTML 6Page - Linear Technology LTC3726IGN Datasheet HTML 7Page - Linear Technology LTC3726IGN Datasheet HTML 8Page - Linear Technology LTC3726IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC3726
3726fb
(Note 1)
VCC ........................................................... – 0.3V to 10V
SW ............................................................... –5V to 50V
ITH, RUN/SS ............................................... – 0.3V to 7V
All Other Pins ............................................ – 0.3V to 10V
Operating Ambient Temperature Range (Note 2)
LTC3726EGN ...................................... – 40
°C to 85°C
LTC3726IGN ....................................... – 40
°C to 85°C
Operating Junction Temperature (Note 3) ........... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
The
indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 7V, GND = PGND = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VFB
Regulated Feedback Voltage
(Note 4) ITH = 1.2V
0.594
0.600
0.606
V
∆VFB(LINREG)
Feedback Voltage Line Regulation
VCC = 5V to 10V, ITH = 1.2V
0.001
%/V
∆VFB(LOADREG)
Feedback Voltage Load Regulation
Measured in Servo Loop,
–0.01
–0.1
%
ITH = 0.5V to 2V
VISMAX
Maximum Current Sense Threshold
RSENSE Mode, VIS = 0V
68
78
88
mV
CT Mode, VIS = 0V
1.15
1.28
1.4
V
VISOC
Over-Current Shutdown Threshold
RSENSE Mode, VIS = 0V
87
100
113
mV
CT Mode, VIS = 0V
1.45
1.65
1.85
V
gm
Transconductance Amplifier gm
2.40
2.75
3.10
mS
IRUN/SS(C)
Soft-Start Charge Current
VRUN/SS = 2V
–4
–5
–6
µA
IRUN/SS(D)
Soft-Start Discharge Current
3
µA
VRUN/SS
RUN/SS Pin ON Threshold
VRUN/SS Rising
0.4
0.45
0.5
V
tON,MIN
Minimum ON Time
200
ns
FG, SG RUP
FG, SG Driver Pull-Up On Resistance
FG, SG Low
1.5
2.3
FG, SG RDOWN
FG, SG Driver Pull-Down On Resistance
FG, SG High
1.5
2.3
PT+, PTRUP
PT+, PTDriver Pull-Up Resistance
PT+, PTLow
1.5
2.3
PR+, PTRDOWN PT+, PTDriver Pull-Down Resistance
PT+, PTHigh
1.5
2.3
∆VFB(OV)
Output Overvoltage Threshold
VFB Rising
15
17
19
%
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
SG
FG
MODE
FB/PHASE
ITH
RUN/SS
SLP
GND
VCC
PT+
PT
PGND
SW
IS+
IS
FS/SYNC
TJMAX = 125°C, θJA = 130°C/W
ORDER PART NUMBER
LTC3726EGN
LTC3726IGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com