Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3726IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3726IGN
Description  Secondary-Side Synchronous Forward Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3726IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC3726IGN Datasheet HTML 1Page - Linear Technology LTC3726IGN Datasheet HTML 2Page - Linear Technology LTC3726IGN Datasheet HTML 3Page - Linear Technology LTC3726IGN Datasheet HTML 4Page - Linear Technology LTC3726IGN Datasheet HTML 5Page - Linear Technology LTC3726IGN Datasheet HTML 6Page - Linear Technology LTC3726IGN Datasheet HTML 7Page - Linear Technology LTC3726IGN Datasheet HTML 8Page - Linear Technology LTC3726IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC3726
3726fb
TYPICAL PERFOR A CE CHARACTERISTICS
VCC Supply Current vs
Input Voltage
Maximum Current Sense
Threshold vs Duty Cycle
Maximum Current Sense
Threshold vs ITH Voltage
IS Pins Source Current
IS Pins Source Current
vs Temperature
Maximum Current Sense
Threshold vs Temperature
RUN/SS ON Threshold
vs Temperature
Oscillator Frequency
vs Temperature
INPUT VOLTAGE (V)
5
5
6
7
9
8
3726 G01
4
67
10
3
fOSC = 200kHz
ALL GATES: CLOAD = 0
DUTY CYCLE (%)
0
60
80
100
60
3726 G03
40
20
20
40
80
0
RSLP = 0
RSLP = 50k
100k
Ω
ITH VOLTAGE (V)
0
60
80
100
2.0
2.5
1.5
3726 G04
40
20
0.5
1.0
3.0
0
IS+, IS– COMMON-MODE VOLTAGE (V)
–1
–100
100
400
300
200
0
34
2
3726 G05
–200
–300
01
6
5
–400
RS-MODE: (IIS+ + IIS–)
CT-MODE: IIS+
240
250
265
260
255
245
3726 G06
235
230
TEMPERATURE (
°C)
–50
50
75
100
25
–25
0
125
RS-MODE: (IIS+ + IIS–)
VIS+ = VIS– = 0V
100.0
101.5
101.0
100.5
99.5
3726 G07
99.0
TEMPERATURE (
°C)
–50
50
75
100
25
–25
0
125
440
470
460
450
430
3726 G08
420
TEMPERATURE (
°C)
–50
50
75
100
25
–25
0
125
0
2
5
4
3
1
3726 G14
–1
–2
TEMPERATURE (
°C)
–50
50
75
100
25
–25
0
125
R = 175K
Ω
fOSC = 500kHz
R = 75K
Ω
fOSC = 100kHz
TA = 25°C, unless otherwise noted.
Oscillator Frequency vs RFS
RFS (kΩ)
50
400
500
600
150
175
125
3726 G09
300
200
100
75
100
200
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com