Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3726IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3726IGN
Description  Secondary-Side Synchronous Forward Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3726IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3726IGN Datasheet HTML 8Page - Linear Technology LTC3726IGN Datasheet HTML 9Page - Linear Technology LTC3726IGN Datasheet HTML 10Page - Linear Technology LTC3726IGN Datasheet HTML 11Page - Linear Technology LTC3726IGN Datasheet HTML 12Page - Linear Technology LTC3726IGN Datasheet HTML 13Page - Linear Technology LTC3726IGN Datasheet HTML 14Page - Linear Technology LTC3726IGN Datasheet HTML 15Page - Linear Technology LTC3726IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC3726
3726fb
APPLICATIO S I FOR ATIO
Figure 4. Connections for PolyPhase Operation
NDRV
UVLO
LTC3705/25
(MASTER)
VCC
SS/FLT
FB/IN+
FS/IN–
VIN
–
VIN
+
VCC
PT+
PT–
RUN/SS
LTC3726
(MASTER)
ITH
3726 F05
VOUT
+
VBIAS
FB/PHASE
FS/SYNC
•
•
NDRV
SS/FLT
LTC3705/25
(SLAVE)
VCC
UVLO
FB/IN+
FS/IN–
VCC
PT+
PT–
RUN/SS
LTC3726
(SLAVE)
ITH
FB/PHASE
FS/SYNC
•
•
PolyPhase Applications
Figure 4 shows the basic connections for using the
LTC3705/LTC3725 and LTC3726 in PolyPhase applica-
tions. One of the phases is always identified as the “mas-
ter,” while all other phases are “slaves.” For the LTC3705/
LTC3725 (primary side), the master monitors the VIN
voltage for undervoltage, performs the open-loop start-up
and supplies the initial VCC voltage for the master and all
slaves. The LTC3705/LTC3725 slaves simply stand by and
wait for PWM signals from their respective pulse trans-
formers. Since the SS/FLT pins of each master and slave
LTC3705/LTC3725s are interconnected, a FAULT
(overcurrent, etc.) on any one of the phases will perform
a shutdown/restart on all phases together. The LTC3705/
LTC3725 is put into slave mode by omitting the resistor on
FS/IN–. For the LTC3726, the master performs soft-start
and voltage-loop regulation by driving all slaves to the
same current as the master using the ITH pins. Faults and
shutdowns are communicated via the interconnection of
the RUN/SS pins. The LTC3726 is put into slave mode by
tying the FB pin to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com