Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3726IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3726IGN
Description  Secondary-Side Synchronous Forward Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3726IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3726IGN Datasheet HTML 8Page - Linear Technology LTC3726IGN Datasheet HTML 9Page - Linear Technology LTC3726IGN Datasheet HTML 10Page - Linear Technology LTC3726IGN Datasheet HTML 11Page - Linear Technology LTC3726IGN Datasheet HTML 12Page - Linear Technology LTC3726IGN Datasheet HTML 13Page - Linear Technology LTC3726IGN Datasheet HTML 14Page - Linear Technology LTC3726IGN Datasheet HTML 15Page - Linear Technology LTC3726IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC3726
3726fb
the LTC3726) can be used as the input to the peak charge
circuit of Figure 2. For lower output voltages, however, it
is normally necessary to use a dedicated bias winding to
generate adequate bias voltage for the LTC3726.
Current Sensing
The LTC3726 provides considerable flexibility in cur-
rent sensing techniques. It supports two main meth-
ods: 1) resistive current sensing and 2) current trans-
former current sensing. Resistive current sensing is
generally simpler, smaller and less expensive, while
current transformer sensing is more efficient and gen-
erally appropriate for higher (> 20A) output currents.
For resistive current sensing, the sense resistor may
be placed in any one of three different locations: high
side inductor, low side inductor or low side switch, as
shown in Figure 3. Sensing the inductor current (high
side or low side) is generally less noisy but dissipates
more power than sensing the switch current (Figures
3a and 3b). High side inductor current sensing pro-
vides a more convenient layout than low side (no split
ground plane), but can only be used for output volt-
ages up to 5.5V, due to the common mode limitations
of the current sense inputs (IS+ and IS–). For most
applications, low side switch current sensing will be a
good solution (Figure 3c).
For high current applications where efficiency (power
dissipation) is very important, a current sense trans-
former may be used. As shown in Figure 3d, the IS– pin
should be tied off to VCC when a current sense transformer
is used. This causes the IS+ pin to become a single ended
(nondifferential) current sense input with a maximum
current sense voltage of 1.28V. Figure 3d shows a typical
application circuit using a current transformer.
APPLICATIO S I FOR ATIO
LTC3726
78mV MAX
IS
+
IS
3726 F03c
••
LTC3726
78mV MAX
IS
+
IS
3726 F03a
••
Figure 3a. High Side Inductor:
Easier Layout, Low Noise, Accurate
LTC3726
78mV MAX
IS
+
IS
3726 F03b
••
Figure 3b. Low Side Inductor:
Accurate, Low Noise, High VOUT Capable
LTC3726
VCC
1.28V MAX
TRIP
5
Ω TO
50
IS
+
IS
3726 F03d
••
Figure 3d. Current Transformer:
Highest Efficiency, High VOUT Capable
Figure 3c. Switch Current Sensing: Easy Layout, Accurate,
Higher Efficiency, High VOUT Capable
Figure 3. Current Sensing Techniques



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com