Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3726IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3726IGN
Description  Secondary-Side Synchronous Forward Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3726IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3726IGN Datasheet HTML 5Page - Linear Technology LTC3726IGN Datasheet HTML 6Page - Linear Technology LTC3726IGN Datasheet HTML 7Page - Linear Technology LTC3726IGN Datasheet HTML 8Page - Linear Technology LTC3726IGN Datasheet HTML 9Page - Linear Technology LTC3726IGN Datasheet HTML 10Page - Linear Technology LTC3726IGN Datasheet HTML 11Page - Linear Technology LTC3726IGN Datasheet HTML 12Page - Linear Technology LTC3726IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC3726
3726fb
When the LTC3726 has adequate operating voltage, it will
begin the procedure of assuming control from the primary
side. To do this, it first measures the voltage on the power
supply’s main output and then automatically advances its
own soft-start voltage to correspond to the main output
voltage. This ensures that the output voltage increases
monotonically as the soft-start control is transferred from
primary to secondary. The LTC3726 then begins sending
PWM signals to the LTC3705/LTC3725 on the primary
side through a pulse transformer. When the LTC3705/
LTC3725 has detected a stable signal from the secondary
controller, it transfers control of the primary switches over
to the LTC3726, beginning the secondary-side soft-start
mode. The LTC3726 continues in this mode until the
output voltage has ramped up to its final value. If for any
reason, the LTC3726 either stops sending (or initially fails
to send) PWM information to the LTC3705/LTC3725, the
LTC3705/LTC3725 will detect a FAULT and initiate a soft-
start retry (see the LTC3705/LTC3725 data sheet).
Slope Compensation
Slope compensation is added at the input of the PWM
comparator to improve stability and noise margin of the
peak current control loop. The amount of slope compen-
sation can be selected from one of five preprogrammed
values using the SLP pin as shown in Table 1. Note that the
amount of slope compensation doubles when the duty
cycle exceeds 50%.
Table 1
SLP PIN
SLOPE (D < 0.5)
SLOPE (D > 0.5)
GND
0.05 • ISMAX • fOSC
0.1 • ISMAX • fOSC
VCC
None
None
400k
Ω to GND
0.1 • ISMAX • fOSC
0.2 • ISMAX • fOSC
200k
Ω to GND
0.15 • ISMAX •fOSC
0.3 • ISMAX •fOSC
100k
Ω to GND
0.25 • ISMAX • fOSC
0.5 • ISMAX • fOSC
50k
Ω to GND
0.5 • ISMAX • fOSC
1.0 • ISMAX • fOSC
In Table 1 above, ISMAX is the maximum current limit, and fOSC is the
switching frequency.
Current Sensing and Current Limit
For current sensing, the LTC3726 supports either a cur-
rent sense resistor or a current sense transformer. The
current sense resistor may either be placed in series with
the inductor (either high side or ground lead sensing), or
in the source of the “forward” switch. If a current sense
transformer is used, the IS– input should be tied to VCC and
the IS+ pin to the output of the current sense transformer.
This causes the gain of the internal current sense amplifier
to be reduced by a factor of 16, so that the maximum
current sense voltage (current limit) is increased from
78mV to 1.28V. An internal, adaptive leading edge blank-
ing circuit ensures clean operation for “switch” current
sensing applications.
Current limit is achieved in the LTC3726 by limiting the
maximum voltage excursion of the error signal (ITH volt-
age). Note that if slope compensation is used, the precise
value at which current limit occurs will be a function of
duty cycle (see Typical Performance Characteristics). If a
short circuit is applied, an independent overcurrent com-
parator may be tripped. In this case, the LTC3726 will enter
a “hiccup” mode using the soft-start circuitry.
Frequency Setting and Synchronization
The LTC3726 uses a single pin to set the operating
frequency, or to synchronize the internal oscillator to a
reference clock with an on-chip phase-locked loop (PLL).
The FS pin may be tied to GND, VCC or have a single resistor
to GND to set the switching frequency. If a clock signal
(>2V) is detected at the FS pin, the LTC3726 will automati-
cally synchronize to the rising edge of the reference clock.
Table 2 summarizes the operation of the FS pin.
For synchronization between multiple LTC3726s, the PT+
pin of one LTC3726 can be used as a master clock
reference and tied to the FS pin of the other LTC3726s.
Table 2
FS PIN
SWITCHING FREQUENCY
GND
200kHz
VCC
300kHz
RFS to GND
fOSC (Hz) = 4RFS – 200k
Reference Clock
fOSC = fREF (75kHz to 500kHz)
This will cause all LTC3726s to operate at the same
frequency and phase. The LTC3726 can also be used as a
“Slave” in a PolyPhase application. In this case, the phase
angle of each LTC3726 can be set by using the FB/PHASE
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com