Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3726IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3726IGN
Description  Secondary-Side Synchronous Forward Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3726IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC3726IGN Datasheet HTML 1Page - Linear Technology LTC3726IGN Datasheet HTML 2Page - Linear Technology LTC3726IGN Datasheet HTML 3Page - Linear Technology LTC3726IGN Datasheet HTML 4Page - Linear Technology LTC3726IGN Datasheet HTML 5Page - Linear Technology LTC3726IGN Datasheet HTML 6Page - Linear Technology LTC3726IGN Datasheet HTML 7Page - Linear Technology LTC3726IGN Datasheet HTML 8Page - Linear Technology LTC3726IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC3726
3726fb
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 7V, GND = PGND = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3726E is guaranteed to meet the performance
specifications from 0
°C to 85°C junction temperature. Specifications over
the –40
°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3726I is guaranteed and tested over the full – 40
°C to 85°C operating
temperature range.
Note 3: Operating junction temperature TJ (in °C) is calculated from the
ambient temperature TA and the average power dissipation PD (in Watts)
by the formula:
TJ = TA + θJA • PD
Refer to the Applications Information section for details.
Note 4: The LTC3726 is tested in a feedback loop that servos VFB to a
voltage near the internal 0.6V reference voltage to obtain the specified ITH
voltage (VITH = 1.2V).
Note 5: Operating supply current is measured in test mode. Dynamic
supply current is higher due to the internal gate charge being delivered at
the switching frequency. See Typical Performance Characteristics.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply
VCCOP
Operating Voltage Range
5
10
V
ICC
Supply Current
Operating
fOSC = 200kHz (Note 5)
4.2
mA
Shutdown
VRUN/SS = GND
700
µA
VUVLO
UV Lockout
VCC Rising
●
4.52
4.60
4.70
V
VHYS
UV Hysteresis
0.4
V
Oscillator and Phase-Locked Loop
IFS
FS/SYNC Pin Sourcing Current
20
µA
fLOW
Oscillator Low Frequency Set Point
VFS/SYNC = GND
170
200
230
kHz
fHIGH
Oscillator High Frequency Set Point
VFS/SYNC = VCC
255
300
345
kHz
∆f (RFS)
Oscillator Resistor Set Accuracy
75k
Ω < RFS/SYNC < 175kΩ
–20
20
%
fPLL(MAX)
Maximum PLL Sync Frequency
500
kHz
fPLL(MIN)
Minimum PLL Sync Frequency
75
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com