Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3726IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3726IGN
Description  Secondary-Side Synchronous Forward Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3726IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3726IGN Datasheet HTML 2Page - Linear Technology LTC3726IGN Datasheet HTML 3Page - Linear Technology LTC3726IGN Datasheet HTML 4Page - Linear Technology LTC3726IGN Datasheet HTML 5Page - Linear Technology LTC3726IGN Datasheet HTML 6Page - Linear Technology LTC3726IGN Datasheet HTML 7Page - Linear Technology LTC3726IGN Datasheet HTML 8Page - Linear Technology LTC3726IGN Datasheet HTML 9Page - Linear Technology LTC3726IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC3726
3726fb
PI FU CTIO S
SG (Pin 1): Gate Drive for the “Synchronous” MOSFET.
FG (Pin 2): Gate Drive for the “Forward” MOSFET.
MODE (Pin 3): Tie to either GND or VCC to set the
maximum duty cycle at either 50% or 75% respectively.
Tie to ground through either a 200k or 100k resistor (50%
or 75% maximum duty cycle) to disable pulse encoding.
In this mode, normal PWM signals will be generated at the
PT+ pin, while a clock signal is generated at the PT– pin.
FB/PHASE (Pin 4): Inverting input of the main loop Error
Amplifier and Control Input to the Phase Selector. In
PolyPhase
® Slave applications (where voltage feedback is
not needed) this pin is used to determine the phasing of the
controller CLK relative to the synchronizing signal at the
FS/SYNC pin.
ITH (Pin 5): The Output of the Main Loop Error Amplifier.
Place compensation components between the ITH pin
and GND.
RUN/SS (Pin 6): Combination Run Control and Soft-Start
Inputs. A capacitor to ground sets the ramp time of the
output voltage. Holding this pin below 0.4V causes the IC
to shut down all internal circuitry.
SLP (Pin 7): Slope Compensation Input. Place a single
resistor to ground to set the desired amount of slope
compensation.
GND (Pin 8): Signal Ground.
FS/SYNC (Pin 9): Combination Frequency Set and SYNC
pin. Tie to GND or VCC to run at 200kHz and 300kHz
respec-tively. Place a single resistor to ground at this pin
to set the frequency between 75kHz and 500kHz. To
synchronize, drive this pin with a clock signal to achieve
PLL synchronization from 75kHz to 500kHz. Sources
20
µA of current.
IS– (Pin 10): Negative Input to the Current Sense Circuit.
When using current sense transformers, this pin may be
tied to VCC for single-ended sensing with a 1.28V maxi-
mum current trip level.
IS+ (Pin 11): Positive Input to the Current Sense Circuit.
Connect to the positive end of a current sense resistor or
to the output of a current sense transformer.
SW (Pin 12): Connect to the drain of the “synchronous”
MOSFET. This input is used for adaptive shoot-through
prevention and leading edge blanking.
PGND (Pin 13): Gate Driver Ground Pin.
PT–, PT+ (Pins 14, 15): Pulse Transformer Driver Out-
puts. For most applications, these connect to a pulse
transformer (with a series DC blocking capacitor). The
PWM information is multiplexed together with DC power
and sent through a single pulse transformer to the primary
side. This information may be decoded by the LTC3705
gate driver and primary-side controller.
VCC (Pin 16): Main VCC Input for all Driver and Control
Circuitry.
PolyPhase is a registered trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com