Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3726IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3726IGN
Description  Secondary-Side Synchronous Forward Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3726IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3726IGN Datasheet HTML 8Page - Linear Technology LTC3726IGN Datasheet HTML 9Page - Linear Technology LTC3726IGN Datasheet HTML 10Page - Linear Technology LTC3726IGN Datasheet HTML 11Page - Linear Technology LTC3726IGN Datasheet HTML 12Page - Linear Technology LTC3726IGN Datasheet HTML 13Page - Linear Technology LTC3726IGN Datasheet HTML 14Page - Linear Technology LTC3726IGN Datasheet HTML 15Page - Linear Technology LTC3726IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC3726
3726fb
The linear regulator of Figure 2 should be designed to
handle the total expected ICC current. For self-starting
applications with the LTC3705/LTC3725, this regulator
will supply the operating bias current for both primary and
secondary side control circuitry. This current may be
approximated using the following:
II
M f
Q
Mf
Q
I
CC
Q
S OSC G SEC
POSC G PRI
Q
=+
++
,,
,,
3726
3
2
7
705
20
()
++
IC
V
f
CORE
SNUB CC OSC
where IQ,3705 and IQ,3726 are the operating supply currents
of the LTC3705/LTC3725 and LTC3706, MP and MS are the
number of power MOSFETs used on the primary and
secondary sides, QG,PRI and QG,SEC are the total gate
charge of the primary and secondary MOSFETs, ICORE is
the core loss current associated with the pulse trans-
former, and CSNUB is the snubber capacitor across the
pulse transformer. Note that the current used by the
primary side circuitry is doubled by the 2:1 turns ratio of
the pulse transformer. For the Typical Application circuit
of Figure 5, the total ICC delivered by the linear regulator
is 5mA + 3(50nC)(200kHz) + 2(2(38nC)(200kHz) + 2mA)
+ 3mA + 13mA = 85mA. To accommodate this current, Q1
should have a high Beta (>300), and R2 should be chosen
to supply adequate base current at low VIN (e.g., at 36V on
the converter input), while maintaining a reasonable power
dissipation in D2 at high VIN (72V).
The turns ratio (NB) of the bias winding should be chosen
to ensure that there is adequate voltage to operate the
LTC3726 over the entire range for the DC/DC converter’s
input bus voltage (VBUS). This may be calculated using
N
VV
RI
V
B
CC MIN
CC
Q
BUS MIN
=
++
⋅
()
()
12
2
1
.
β
VCC(MIN) can be as low as 5V (if this provides adequate
gate drive voltage to maintain acceptable efficiency), or as
high as 7V. For the Figure 2 circuit if VCC(MIN) = 6V, ICC =
85mA, and VBUS = 36V-72V, this would mean a turns ratio
NB = 0.24, or a 9:2 transformer. Generally, if the output
voltage of the DC/DC converter is 3.3V or higher, then the
main output of the power transformer (tied to SW node on
one of two reasons: 1) the start-up time-out feature will be
activated since the LTC3726 never sends signals to the
primary side or 2) the primary-side overcurrent circuit will
be tripped because of current buildup in the output induc-
tor. In either case, the LTC3705/LTC3725 will initiate a
shutdown followed by a soft-start retry. See the LTC3705/
LTC3725 data sheets for further details.
Bias Supply Generation
Figure 2 shows a commonly used method of developing a
VCC bias supply for the LTC3726. During start-up, the
circuit of Figure 2 uses a peak detector followed by a
simple linear regulator to rapidly develop a VCC voltage for
the LTC3726. Note that this bias voltage must rise faster
than the open-loop soft-start that is initiated by the
LTC3705/LTC3725. This ensures that the LTC3726 be-
gins switching and assumes control of the soft-start
before the output voltage has risen substantially.
The value of R1 should be chosen to keep the peak
charging current below the maximum (non-repetitive peak)
rating of diode D1, but should otherwise be as small as
APPLICATIO S I FOR ATIO
LTC3726
1.2
Ω
R1
PEAK CHARGER
REGULATOR
C2
1
µF
16V
D2
7.5V
Q1
FZT690B
R2
5K
BIAS
WINDING
NB
3726 F02
MAIN
TRANSFORMER
•
•
CMPSH1-4
1
C1
10
µF
25V
D1
VCC
Figure 2. Typical Bias Supply Configuration
possible to provide a rapid charging of capacitor C1. This
capacitor serves as a reservoir to provide bias voltage as
the LTC3726 begins switching and assumes control of the
soft-start from the LTC3705/LTC3725. Care should be
taken to ensure that capacitor C1 is adequately large to
provide enough hold-up time for the LTC3726 to assume
control and establish a firm bias voltage at the main
transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com