Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP3703 Datasheet(PDF) 7 Page - Texas Instruments

Part # TVP3703
Description  VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3703 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TVP3703 Datasheet HTML 3Page - Texas Instruments TVP3703 Datasheet HTML 4Page - Texas Instruments TVP3703 Datasheet HTML 5Page - Texas Instruments TVP3703 Datasheet HTML 6Page - Texas Instruments TVP3703 Datasheet HTML 7Page - Texas Instruments TVP3703 Datasheet HTML 8Page - Texas Instruments TVP3703 Datasheet HTML 9Page - Texas Instruments TVP3703 Datasheet HTML 10Page - Texas Instruments TVP3703 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TVP3703
VIDEO INTERFACE PALETTE
TRUE-COLOR CMOS RAMDAC
SLAS100 – MARCH 1996
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
register content descriptions
A write to any register containing reserved bits should always write 0s to the reserved bits (the exception being
bit 7 of power management register A). On reads, all reserved bits should be masked out.
The values of register bits that are reset on power-up are listed in the reset value columns below.
PIXEL COMMAND REGISTER (RS0 – RS2 = 110)
BIT
VALUE
FUNCTION
RESET
VALUE
000
8-bit color
001
Reserved
010
Reserved
75
011
Reserved
000
7–5
100
Reserved
000
101
15-bit direct color
110
16-bit direct color
111
24-bit direct color
4
1 = Enable extended register space
0
3
1 = Enable extended pixel modes
0
2
1 = Add 7.5 IRE† blanking pedestal
0
1
1 = Micro port interface to RAM is
8-bit not 6-bit
0
0
1 = Sleep mode (micro port and
palette RAM still enabled, see power
management features section)
0
† Institute of Radio Engineers
INDEX LOW AND HIGH BYTE REGISTERS
(RS0 – RS2 = 100, RS0 – RS2 = 111)
BIT
FUNCTION
RESET
VALUE
7–0
Low/high byte of 16-bit index
0
COMPANY ID REGISTER (Index 0000h)
BIT
VALUE
FUNCTION
RESET
VALUE
7–0
97h
Texas Instruments
Read only
DEVICE ID REGISTER (Index 0001h)
BIT
VALUE
FUNCTION
RESET
VALUE
7–0
03h
TVP3703
Read only
PIXEL MODE SELECT REGISTERS
(Primary and Secondary) (Indexes 0003h, 0004h)
BIT
VALUE
FUNCTION
MAX
PCLK
(MHz)
MAX
VIDEO
RATE
(MHz)
RESET
VALUE
00h
8-bit indexed color
110
110
01h
15-bit direct color or
8-bit indexed color
110
110
02h
15-bit direct color
110
110
03h
16-bit 5–6–5 direct
color
110
110
04h
24-bit direct color
110
55
05h
Double 8-bit indexed
color
67.5
135
Not
7–0
06h
16-bit 5–6–5 direct
color (2
× 8-bit input)
110
55
Not
Reset
07h
8-bit indexed color
(2
× 4-bit input)
110
55
08h
15-bit direct color
(2
× 4-bit input)
110
55
09h
Double 24-bit direct
color
85
56.5
0Ah–
FFh
Reserved
PIPELINE TIMING CONTROL REGISTER
(Double 8-bit and 24-bit modes only)
(Index 0005h)
The TVP3703 uses an internal PLL and timing control circuitry to
automatically adjust pipeline. There are no register bits to program,
since the device accounts for all desired frequency ranges.
SOFT RESET REGISTER (Index 0006h)
BIT
FUNCTION
RESET
VALUE
7–1
Reserved
0
0
1 = Reset all registers to power-on default state
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com