Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP3703 Datasheet(PDF) 13 Page - Texas Instruments

Part # TVP3703
Description  VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3703 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TVP3703 Datasheet HTML 9Page - Texas Instruments TVP3703 Datasheet HTML 10Page - Texas Instruments TVP3703 Datasheet HTML 11Page - Texas Instruments TVP3703 Datasheet HTML 12Page - Texas Instruments TVP3703 Datasheet HTML 13Page - Texas Instruments TVP3703 Datasheet HTML 14Page - Texas Instruments TVP3703 Datasheet HTML 15Page - Texas Instruments TVP3703 Datasheet HTML 16Page - Texas Instruments TVP3703 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TVP3703
VIDEO INTERFACE PALETTE
TRUE-COLOR CMOS RAMDAC
SLAS100 – MARCH 1996
13
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
primary and secondary pixel mode combinations (continued)
Table 7. Primary and Secondary Pixel Mode Combinations
PRIMARY
SECONDARY MODE
PRIMARY
MODE
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
00h
X
X
X
X
01h
X
X
X
X
02h
X
X
X
X
03h
X
X
X
X
04h
X
X
X
X
05h
X
06h
X
X
X
X
07h
X
X
X
X
08h
X
X
X
X
09h
X
NOTE 2: Pixel switching can only be performed when the PCLK to dot clock ratios for the
primary and secondary modes are the same.
programming of pixel modes using the PLL
The TVP3703 uses an internal PLL to generate the internal dot clock. This PLL automatically adjusts the PCLK
to dot clock ratio based on the multiplexing mode selected. Therefore no further programming is necessary.
pixel resolution and blanking periods in mode 09h
In mode 09h (packed 24-bit), latching 16 bits of data from 3 PCLK cycles generates a group of 2 pixels. This
means that the horizontal screen resolution must be an even number of pixels, and the number of PCLK cycles
during active display must be a multiple of 3.
Due to the internal phase relationships between PCLK and the pixel clock generated by the internal PLL, the
horizontal and vertical blanking period must also be an integral multiple of 3 PCLK cycles. This must be satisfied
so that the first pixel of each line always appears at the same point horizontally on the screen, from line to line
and from frame to frame.
Therefore mode 09h requires the following relationships must be satisfied:
Horizontally:
The total horizontal duration must be an integral multiple of 3 PCLKs.
i.e.,
HTOT
3
+ integer, where HTOT + total horizontal duration in standard VGA registers.
Vertically:
The total vertical duration must be an integral multiple of 3 PCLKs.
i.e.,
VTOT
HTOT
3
+ integer, where VTOT + total vertical duration in standard VGA registers.
In all standard VGA systems, if the horizontal requirement is met, the vertical requirement is also met.
VGA standard controllers normally satisfy the requirements described in this section because the horizontal
blanking period is specified in character widths (8 pixels wide), vertical blanking in terms of scan lines, and
resolution in even pixels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com