Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP3703 Datasheet(PDF) 9 Page - Texas Instruments

Part # TVP3703
Description  VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3703 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TVP3703 Datasheet HTML 5Page - Texas Instruments TVP3703 Datasheet HTML 6Page - Texas Instruments TVP3703 Datasheet HTML 7Page - Texas Instruments TVP3703 Datasheet HTML 8Page - Texas Instruments TVP3703 Datasheet HTML 9Page - Texas Instruments TVP3703 Datasheet HTML 10Page - Texas Instruments TVP3703 Datasheet HTML 11Page - Texas Instruments TVP3703 Datasheet HTML 12Page - Texas Instruments TVP3703 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TVP3703
VIDEO INTERFACE PALETTE
TRUE-COLOR CMOS RAMDAC
SLAS100 – MARCH 1996
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
programming the PLL clock generators
The conditions shown in the following equations must be followed when programming the PLL clock generators.
f
I XIN
10*6
2
* 2 v N1 v f
I XIN
10*6
* 2
(1)
(2)
(3)
Where:
0
v N1 v 31 and N1 must be an integer
64
106
f
I XIN
(N1
) 2) * 2 v M v 135
106
f
I XIN
(N1
) 2) * 2
Where:
0
v M v 127 and M must be an integer
2N2
+
f
I XIN
(M
) 2)
f
O
(N1
) 2)
Where:
0
v N2 v 3 and N2 must be integer
power management features
Two power reduction options are available on the TVP3703.
1.
Bit 0 of the pixel command register (sleep mode) provides a default power-down mode in which the following
sections of the device are powered down:
• All pixel multiplexor modes
• All post-RAM logic
• The triple DAC
• The mask logic
Micro port and palette-RAM power is maintained to allow read and write access to the internal registers or
palette locations. A typical value of IDD in sleep mode is listed in the electrical characteristics section.
2.
The power management register, located in the indexed register space (index 0007h), allows selective
power down of the device.
use of the hardware CRC feature
The TVP3703 hardware CRC feature supports testing of the entire pixel data path from the pixel port through
to the DAC inputs at full video rates up to 170 MHz on the TVP3703. Each of the three colors (red, green and
blue) are tested independently. CRCs are accumulated during active display, with accumulation being gated by
the BLANK signal.
A TVP3703 CRC can be accumulated in either active screen or self-test-pattern generation mode and is
controlled by bit 1 of the CRC test register (index FFD6h). To use the pattern generated CRC feature, perform
the following test procedure:
1.
Set the mode and verify the PIXMIX signal is low.
2.
Set the proper values in the CRC test register for the desired CRC mode. Set BLANK low. Wait for ten
PCLKS cycles.
3.
Set bit 2 of the CRC test register to 1 and bit 1 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com