Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP3703 Datasheet(PDF) 15 Page - Texas Instruments

Part # TVP3703
Description  VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3703 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TVP3703 Datasheet HTML 11Page - Texas Instruments TVP3703 Datasheet HTML 12Page - Texas Instruments TVP3703 Datasheet HTML 13Page - Texas Instruments TVP3703 Datasheet HTML 14Page - Texas Instruments TVP3703 Datasheet HTML 15Page - Texas Instruments TVP3703 Datasheet HTML 16Page - Texas Instruments TVP3703 Datasheet HTML 17Page - Texas Instruments TVP3703 Datasheet HTML 18Page - Texas Instruments TVP3703 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
TVP3703
VIDEO INTERFACE PALETTE
TRUE-COLOR CMOS RAMDAC
SLAS100 – MARCH 1996
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements
micro port
PARAMETER
TVP3703-170
TVP3703-135
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tw(WLWH)
Pulse duration, WR low
50
75
ns
tw(RLRH)
Pulse duration, RD low
50
50
ns
trec(WHWL) Recovery time preceding a write (see Notes 6 and 7)
3
×tc(CHCH)
3
×tc(CHCH)
ns
trec(RHRL)
Recovery time preceding a read (see Notes 6 and 7)
6
×tc(CHCH)
6
×tc(CHCH)
ns
tsu(SVL)
Setup time, RS0-RS2
10
10
ns
th(LSX)
Hold time, RS0-RS2
4
4
ns
tsu(DVWH)
Setup time, write data
10
10
ns
th(WHDX)
Hold time, write data
10
10
ns
NOTES:
6. tc(CHCH) (PCLK period) is specified in the pixel port timing requirements table.
7. Access recovery times are specified as the time before a particular access because the worst case access (reading a red palette
color value) can occur after either reading a blue palette color value or after writing to the address register (read mode).
PLL frequency select
PARAMETER
TVP3703-170
TVP3703-135
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tw(SHSL)
Pulse duration, STROBE high
50
50
ns
tw(SLSH)
Pulse duration, STROBE low
50
50
ns
tsu(SVSL)
Setup time, VS0 –VS3 (see Note 8)
20
30
ns
th(SLSX)
Hold time, VS0 – VS3 (see Note 8)
20
30
ns
NOTE 8: The VS0 – VS3 latches are transparent when STROBE is at logic 1.
pixel port
PARAMETER
TVP3703-170
TVP3703-135
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
PCLK cycle time (pixel mode 05h – double 8-bit, indexed)
11.7
14.8
ns
tc(CHCH)
PCLK cycle time (pixel mode 09h – double 24-bit, direct)
9.08
9.08
ns
()
PCLK cycle time (all other pixel modes)
9.08
9.08
ns
tw(CLCH)
Pulse duration, PCLK low
2.9
4
ns
tw(CHCL)
Pulse duration, PCLK high
2.9
3
ns
tsu(PVCH)
Setup time, pixel data (see Note 9)
2
2
ns
th(CHPX)
Hold time, pixel data (see Note 9)
2
2
ns
NOTE 9: The pixel address input to the color palette should be set up as a valid logic level with the appropriate setup and hold times to each rising
edge of PCLK (this requirement must also be met during the blanking period).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com