Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP3703 Datasheet(PDF) 12 Page - Texas Instruments

Part # TVP3703
Description  VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3703 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TVP3703 Datasheet HTML 8Page - Texas Instruments TVP3703 Datasheet HTML 9Page - Texas Instruments TVP3703 Datasheet HTML 10Page - Texas Instruments TVP3703 Datasheet HTML 11Page - Texas Instruments TVP3703 Datasheet HTML 12Page - Texas Instruments TVP3703 Datasheet HTML 13Page - Texas Instruments TVP3703 Datasheet HTML 14Page - Texas Instruments TVP3703 Datasheet HTML 15Page - Texas Instruments TVP3703 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TVP3703
VIDEO INTERFACE PALETTE
TRUE-COLOR CMOS RAMDAC
SLAS100 – MARCH 1996
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
pixel port (continued)
Table 6. Extended Pixel Modes
SVGA MODE†
PIXEL WORD
USE OF PIXEL INPUT TERMINALS
SVGA MODE†
LATCHED
P15
P14
P13
P12
P11
P10
P9
P8
P7
P6
P5
P4
P3
P2
P1
P0
00h
8-bit indexed
single P(7–0)
X
X
X
X
X
X
X
X
P7
P6
P5
P4
P3
P2
P1
P0
01h
15-bit mixed
single P(15–0)
0
or
1
X
R7
X
R6
X
R5
X
R4
X
R3
X
G7
X
G6
P7
G5
P6
G4
P5
G3
P4
B7
P3
B6
P2
B5
P1
B4
P0
B3
02h
15-bit direct
single P(15–0)
X
R7
R6
R5
F4
F3
G7
G6
G5
G4
G3
B7
B6
B5
B4
B3
03h
16-bit direct
single P(15–0)
R7
R6
R5
R4
R3
G7
G6
G5
G4
G3
G2
B7
B6
B5
B4
B3
04h
24-bit direct
first P(15–0)
second P(15–0)
G7
X
G6
X
G5
X
G4
X
G3
X
G2
X
G1
X
G0
X
B7
R7
B6
R6
B5
R5
B4
R4
B3
R3
B2
R2
B1
R1
B0
R0
05h
Double 8-bit
‡§
single P(15–0)
P7
P6
P5
P4
P3
P2
P1
P0
P7
6
P5
P4
P3
P2
P1
P0
indexed‡,§
second displayed pixel
first displayed pixel
06h
16-bit direct
(5–6–5)
first P(7–0)
second P(7–0)
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
G4
R7
G3
R6
G2
R5
B7
R4
B6
R3
B5
G7
B4
G6
B3
G5
07h
8-bit indexed
first P(3–0)
second P(3–0)
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
P3
P7
P2
P6
P1
P5
P0
P4
08h
15-bit direct
(5–5–5)
first P(7–0)
second P(7–0)
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
G5
X
G4
R7
G3
R6
B7
R5
B6
R4
B5
R3
B4
G7
B3
G6
09h
Double 24-bit
§
first P(15–0)
G7
G6
G5
G4
G3
G2
G1
G0
B7
B6
B5
B4
B3
B2
B1
B0
direct§
first displayed pixel
second P(15–0)
B7
B6
B5
B4
B3
B2
B1
B0
R7
R6
R5
R4
R3
R2
R1
R0
second displayed pixel
third P(15–0)
R7
R6
R5
R4
R3
R2
R1
R0
G7
G6
G5
G4
G3
G2
G1
G0
† Pipe delay for mode = 3 PCLK + 7 dot clocks
‡ Unspecified bits = 0
§ Modes 5 (05h) and 9 (09h) use PLL, DAC CLK = 2
× PCLK or 2/3 PCLK respectively.
primary and secondary pixel mode combinations
Writing to the pixel command register enables the extended pixel modes. A primary pixel mode and a secondary
pixel mode are defined for the TVP3703. The TVP3703 switches between these two modes on the fly under
control of the PIXMIX terminal.
The PIXMIX terminal and the pixel terminals are sampled on PCLK. If the primary or secondary pixel mode
format requires two PCLK edges to build a whole pixel, then PIXMIX should only change state on every second
PCLK edge after BLANK has gone high at the start of a line.
When PIXMIX is not in use, the primary and secondary pixel mode select registers should be written with the
same value.
The primary and secondary pixel mode combinations are listed in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com