Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP3703 Datasheet(PDF) 3 Page - Texas Instruments

Part # TVP3703
Description  VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3703 Datasheet(HTML) 3 Page - Texas Instruments

  TVP3703 Datasheet HTML 1Page - Texas Instruments TVP3703 Datasheet HTML 2Page - Texas Instruments TVP3703 Datasheet HTML 3Page - Texas Instruments TVP3703 Datasheet HTML 4Page - Texas Instruments TVP3703 Datasheet HTML 5Page - Texas Instruments TVP3703 Datasheet HTML 6Page - Texas Instruments TVP3703 Datasheet HTML 7Page - Texas Instruments TVP3703 Datasheet HTML 8Page - Texas Instruments TVP3703 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TVP3703
VIDEO INTERFACE PALETTE
TRUE-COLOR CMOS RAMDAC
SLAS100 – MARCH 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
micro port
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
RD,
5,
I
Read enable and write enable. RD or WR control the timing of read and write operations on the micro port.
WR
20
Most of the operations on the micro port can take place asynchronously to the pixel stream being processed
by the color palette. Various minimum periods between operations are specified (in terms of pixel clocks) to
allow this asynchronous behavior.
RD and WR should not be low at the same time.
RS0 – RS2
21, 22,
50
I
Register select. RS0 – RS2 specify which internal register is to be accessed. The RS0 – RS2 inputs are sampled
on the falling edge of the active enable signal (RD or WR). Information on register access and contents is given
in the micro port section.
The additional RS2 signal allows access to the extended features without the need for performing an indirect
access sequence.
D0 – D7
12 – 19
I/O
Input/output data. Data transfers between the 8-bit wide program data bus and the registers within the TVP3703
under control of the active enable signal (RD or WR).
In a write cycle, the rising edge of WR validates the data on the program data bus and causes it to be written
to the register selected.
The rising edge of RD signifies the end of a read cycle, after which the program data bus ceases to carry the
contents of the register addressed and goes to a high impedance state.
VS0 – VS3
44 – 47
I
Video clock PLL select.VS0 – VS3 select the frequency (default or user programmed) of the video clock PLL.
VS0 – VS3 are ignored if the video clock frequency is selected by register control.
STROBE
43
I
Strobe input.The falling edge of STROBE latches VS0 – VS3.
pixel port
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
PCLK
63
I
Pixel clock. The rising edge of PCLK controls the sampling of data on P0 – P15, BLANK, and PIXMIX in all
modes.
P0 – P15
1, 4, 23,
25,
52 – 59,
64 – 67
I
Pixel data word. The selected pixel mode determines how this pixel data is interpreted.
PIXMIX
24
I
Pixel mode select. PIXMIX controls the switching between primary and secondary pixel modes when the
extended pixel modes are selected (PIXMIX = 0 selects primary mode).
BLANK
11
I
Blank in. A low value sampled on BLANK, after the pipeline delay, turns the DAC outputs off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com