Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP3703 Datasheet(PDF) 14 Page - Texas Instruments

Part # TVP3703
Description  VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3703 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TVP3703 Datasheet HTML 10Page - Texas Instruments TVP3703 Datasheet HTML 11Page - Texas Instruments TVP3703 Datasheet HTML 12Page - Texas Instruments TVP3703 Datasheet HTML 13Page - Texas Instruments TVP3703 Datasheet HTML 14Page - Texas Instruments TVP3703 Datasheet HTML 15Page - Texas Instruments TVP3703 Datasheet HTML 16Page - Texas Instruments TVP3703 Datasheet HTML 17Page - Texas Instruments TVP3703 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TVP3703
VIDEO INTERFACE PALETTE
TRUE-COLOR CMOS RAMDAC
SLAS100 – MARCH 1996
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 3)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.5 V to VDD+0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog output short-circuit duration to any power supply or common
unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ
175
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds:
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 3: All voltage values are with respect to GND.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltages, AVDD, DVDD
4.75
5
5.25
V
Reference voltage, Vref
1.15
1.235
1.26
V
High-level input voltage, VIH
2.4
VDD+0.5
V
Low-level input voltage, VIL
0.8
V
Output load resistance, RL
37.5
Ω
FS ADJUST resistor, RSET
147
Ω
Operating free-air temperature, TA
0
70
°C
electrical characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply current, average power (see Note 4)
270
340
mA
IDD
Supply current, average power (sleep mode) (see Note 5)
60
150
mA
Supply current, average power (palette RAM powered down) (see Note 4)
220
250
mA
II
Digital input current
±100
µA
IO
Off-state-digital output current
±50
µA
VOH
High-level output voltage
IL = – 1 mA
2.4
V
VOL
Low-level output voltage
IL = 4 mA
0.4
V
NOTES:
4. Typical and maximum figures are both measured at 135 MHz, with differences due to VDD, pixel mode, and part to part variations.
5. Typical figure measured at 35 MHz, with differences due to VDD, pixel mode, and part to part variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com