Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP3703 Datasheet(PDF) 8 Page - Texas Instruments

Part # TVP3703
Description  VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3703 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TVP3703 Datasheet HTML 4Page - Texas Instruments TVP3703 Datasheet HTML 5Page - Texas Instruments TVP3703 Datasheet HTML 6Page - Texas Instruments TVP3703 Datasheet HTML 7Page - Texas Instruments TVP3703 Datasheet HTML 8Page - Texas Instruments TVP3703 Datasheet HTML 9Page - Texas Instruments TVP3703 Datasheet HTML 10Page - Texas Instruments TVP3703 Datasheet HTML 11Page - Texas Instruments TVP3703 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TVP3703
VIDEO INTERFACE PALETTE
TRUE-COLOR CMOS RAMDAC
SLAS100 – MARCH 1996
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
register content descriptions (continued)
POWER MANAGEMENT REGISTER A (Index 0007h)
BIT
FUNCTION
RESET
VALUE
SLEEP
MODE†
7
Reserved (write 1)
1
1
6
Reserved (write 0)
0
1
5
1 = Power-down palette RAM
0
0
4
Reserved (write 0)
0
1
3
Reserved
1
1
2–0
Reserved (write 0)
0
1
† Indicates the effect of selecting sleep mode (the power management
register is not modified).
POWER MANAGEMENT REGISTER B (Index 0008h)
BIT
FUNCTION
RESET
VALUE
7–3
Reserved
Not reset
2
1 = Power-down crystal oscillator
0
1
1 = Power-down VCLK generator
0
0
1 = Power-down MCLK generator
0
PLL PARAMETERS LOW REGISTERS
(Indexes 0020h, 0022h, . . . 0046h)
BIT
FUNCTION
RESET
VALUE
7
VCLK/MCLK source select 0 (see Table 4)
See Table 3
6–0
M value
See Table 3
PLL PARAMETERS HIGH REGISTERS
(Indexes 0021h, 0023h, . . . 0047h)
BIT
FUNCTION
RESET
VALUE
7
VCLK/MCLK source select 1 (see Table 4)
6–5
N2 value
See Table 3
4–0
N1 value
Table 4. VCLK/MCLK Source Select
(PLL parameters high and low registers – bit 7)
SOURCE
SELECT
1
SOURCE
SELECT
0
VCLK/MCLK FUNCTION
PLL
USED
0
0
fO +
M
) 2
(N1
) 2)
2N2
f
I
XIN
Yes‡
0
1
Reserved
1
0
f
O +
f
I XIN
2N2
No
1
1
fO = fI(XIN) direct
No
‡ See power management features section.
CLOCK SYNTHESIZER CONTROL REGISTER
(Index 0048h)
BIT
FUNCTION
RESET
VALUE
7
Reserved
0
6
0 = Select VCLK by terminals VS0 – VS3
1 = Select VCLK by bits 3 – 0
0
5–4
MCLK select (M0 – M3)
0
3–0
VCLK select (V0 – V15) if enabled by bit 6
0
CRC TEST REGISTER
(Index FFD6h)
BIT
VALUE
FUNCTION
RESET
VALUE
7–6
0 0
Blue selection
0 1
Green selection
Not reset
1 0
Red selection
Not reset
1 1
None selected
5–3
0 0 0
1 1 1
Bit 0 selected
Bit 7 selected
Not reset
2
1
→ 0
Transition initializes start of CRC
1
1
0
Use pixel bus input
1
Use self-test-generated patterns
0
0
Reserved
CRC LOW BYTE (Bits 7 – 0)
(Index FFD7h)
BIT
FUNCTION
RESET
VALUE
7– 0
Low byte of CRC value
Not reset
CRC HIGH BYTE (Bits 15 – 8)
(Index FFD8h)
BIT
FUNCTION
RESET
VALUE
7–0
High byte of CRC value
Not reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com