Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP3703 Datasheet(PDF) 17 Page - Texas Instruments

Part # TVP3703
Description  VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3703 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TVP3703 Datasheet HTML 13Page - Texas Instruments TVP3703 Datasheet HTML 14Page - Texas Instruments TVP3703 Datasheet HTML 15Page - Texas Instruments TVP3703 Datasheet HTML 16Page - Texas Instruments TVP3703 Datasheet HTML 17Page - Texas Instruments TVP3703 Datasheet HTML 18Page - Texas Instruments TVP3703 Datasheet HTML 19Page - Texas Instruments TVP3703 Datasheet HTML 20Page - Texas Instruments TVP3703 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TVP3703
VIDEO INTERFACE PALETTE
TRUE-COLOR CMOS RAMDAC
SLAS100 – MARCH 1996
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics
DAC
PARAMETER
TVP3703-170
TVP3703-135
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
8
8
bits
DAC operating frequency
170
135
MHz
Output current, black level pedestal (see Note 10)
0.95
1.44
1.9
0.95
1.44
1.9
mA
Output current, white relative to black (see Note 10)
16.74
17.62
18.50
17.6
17.62
20.4
mA
DAC-to-DAC matching (see Notes 10 and 11)
±2%
±5%
±2%
±5%
EL
Integral linearity error (see Note 10)
±1
±1
LSB
ED
Differential linearity error (see Note 10)
±1
±1
LSB
DAC output compliance (see Note 10)
–1
1.2
–1
1.2
V
DAC output impedance
50
50
k
Ω
tr
Rise time (black to white level) (see Notes 10, 12, and 13)
3
1
3
ns
ts
Settling time (black to white) (see Notes 10, 12, and 14)
5
10
ns
Glitch energy (see Notes 10 and 12)
50
50
pVs
Comparator trip voltage
340
340
mV
Iref
Reference input current
100
100
µA
Internal reference voltage
1.235
1.235
V
Internal reference voltage accuracy
1.15
1.235
1.27
1.15
1.235
1.27
V
NOTES: 10. Vref = 1.235 V and RSET = 147 Ω
11. About the midpoint of the distribution of the three DACs
12. 37.5
Ω and 30 pF load
13. Measured between 10% and 90% of full scale transition.
14. Settling to within 2% of frame sync delay (fsd)
timing diagrams
tsu(SVL)
th(LSX)
td(RLQX)
ta(RLQV)
th(RHQX)
td(RHQZ)
tsu(DVWH)
th(WHDX)
WR, RD
RS0 – RS2
D0 – D7
(Read)
D0 – D7
(Write)
trec(RHRL), trec(WHWL)
tw(RLRH), tw(WLWH)
Figure 1. Micro Port Read/Write Cycle Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com