Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP3703 Datasheet(PDF) 11 Page - Texas Instruments

Part # TVP3703
Description  VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3703 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TVP3703 Datasheet HTML 7Page - Texas Instruments TVP3703 Datasheet HTML 8Page - Texas Instruments TVP3703 Datasheet HTML 9Page - Texas Instruments TVP3703 Datasheet HTML 10Page - Texas Instruments TVP3703 Datasheet HTML 11Page - Texas Instruments TVP3703 Datasheet HTML 12Page - Texas Instruments TVP3703 Datasheet HTML 13Page - Texas Instruments TVP3703 Datasheet HTML 14Page - Texas Instruments TVP3703 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TVP3703
VIDEO INTERFACE PALETTE
TRUE-COLOR CMOS RAMDAC
SLAS100 – MARCH 1996
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
identification of the TVP3703
One of the two following sequences of micro port accesses identifies the existence of the TVP3703 in a graphics
system:
OPERATION
RESULT
Read any valid register other than pixel mask
(e.g., read I/O location 03C7h)
Resets the indirect access sequence
Read pixel mask (I/O location 03C6h) four times
Provides indirect access procedure
Write pixel mask with 10h
Provides indirect access to pixel command register, enabling
indexed registers. This also resets the indirect procedure.
Read pixel mask five times
Provides indirect access procedure
Write pixel mask twice with 00h
Provides indirect access procedure setting the index
registers to 0
Read pixel mask
Returns company ID (97h)
Read pixel mask
Returns device ID (03h)
or:
OPERATION
RESULT
Write zero to RS(2–0) = 4h
Sets the index low byte to zero
Write zero to RS(2–0) = 7h
Sets the index high byte to zero
Read RS(2–0) = 5h
Returns company ID (97h)
Read RS(2–0) = 5h
Returns device ID (03h)
pixel port
The rising edge of PCLK latches all of the pixels. Modes requiring more than one word per pixel accumulate
the least significant bytes of the pixel first. BLANK going high always identifies the first word within a pixel. The
VGA, SVGA, and extended pixel modes are listed in Tables 5 and 6.
Table 5. VGA and SVGA Modes
SVGA
†
PIXEL WORD
USE OF PIXEL INPUT TERMINALS‡
MODE†
LATCHED
P15
P14
P13
P12
P11
P10
P9
P8
P7
P6
P5
P4
P3
P2
P1
P0
8-bit indexed
single P(7–0)
X
X
X
X
X
X
X
X
P7
P6
P5
P4
P3
P2
P1
P0
15-bit direct
(5–5–5)
first P(7–0)
second P(7–0)
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
G5
X
G4
R7
G3
R6
B7
R5
B6
R4
B5
R3
B4
G7
B3
G6
16-bit direct
(5–6–5)
first P(7–0)
second P(7–0)
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
G4
R7
G3
R6
G2
R5
B7
R4
B6
R3
B5
G7
B4
G6
B3
G5
24-bit direct
(8–8–8)
first P(7–0)
second P(7–0)
third P(7–0)
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
B7
G7
R7
B6
G6
R6
B5
G5
R5
B4
G4
R4
B3
G3
R3
B2
G2
R2
B1
G1
R1
B0
G0
R0
† Pipe delay for all modes = 3 PCLK + 7 dot clocks
‡ Unspecified bits = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com