Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP3703 Datasheet(PDF) 4 Page - Texas Instruments

Part # TVP3703
Description  VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3703 Datasheet(HTML) 4 Page - Texas Instruments

  TVP3703 Datasheet HTML 1Page - Texas Instruments TVP3703 Datasheet HTML 2Page - Texas Instruments TVP3703 Datasheet HTML 3Page - Texas Instruments TVP3703 Datasheet HTML 4Page - Texas Instruments TVP3703 Datasheet HTML 5Page - Texas Instruments TVP3703 Datasheet HTML 6Page - Texas Instruments TVP3703 Datasheet HTML 7Page - Texas Instruments TVP3703 Datasheet HTML 8Page - Texas Instruments TVP3703 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TVP3703
VIDEO INTERFACE PALETTE
TRUE-COLOR CMOS RAMDAC
SLAS100 – MARCH 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DAC interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
RED,
GREEN,
BLUE
38 – 40
O
DAC video outputs. These signals are designed to drive a doubly terminated 75-
Ω load.
REF
51
I
External 1.235-V reference voltage. An external bypass capacitor should be connected from REF to GND.
RSET
48
I
A precision resistor placed between RSET and GND sets the full-scale DAC current. The required resistor value
can be calculated from:
where Vref is the external or internal reference voltage and IO is the required DAC full-scale output current. Rset
is typically 147
Ω for VGA (see application information section).
COMP
49
I
External compensation capacitor connection for DACs.
SENSE
68
O
Sense out. SENSE is a logical 0 if one or more of the DAC outputs exceeds the internal DAC comparator trip
voltage (which is midway between the DAC full scale and GND potentials).
frequency synthesizer interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
XOUT
6
O
Crystal output and input connections. A series-resonant crystal must be connected between XOUT and XIN
XIN
7
I
to provide the reference clock for the PLLs.
VCLK
9
O
Video clock PLL out
MCLK
61
O
Memory clock PLL out
power supply
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
VDD
8, 27, 35,
62
Digital power
AVDD
3, 42
Analog power for the DACs and PLL.
GND
2, 10, 36,
37, 41, 60
Common ground rail for all circuitry.
NC
26, 28 – 34
No internal connection. For future upgrade to a 24-bit pixel port the controller. Outputs P16–P23 can be routed
to terminals 26, 28 – 34 respectively.
detailed description
micro port
The TVP3703 micro port (see Table 1) is an extension of the standard VGA micro port and powers up with a
register configuration compatible with standard and high-color VGA. There are two methods for accessing the
register set of the TVP3703 – direct register space (RS) access and indirect access.
direct RS access
This feature supports direct RS mapping to eight address locations that access the VGA color palette, pixel
command register, and an indexed register. The index low/high registers increment after every access to the
indexed register.
Rset (W) +
2.1
V
ref
I
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com