Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33730 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33730 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33730
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33730 Pin Connections
Table 1. 33730 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 12.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
HRT
Analog
Output
Hardware Reset Timer This pin is the hardware reset timer programmed with an external resistor.
2
RSTKAM
Open Drain
VKAM Reset
This pin is an open drain reset output, monitoring the VKAM supply to the
microprocessor.
3
RSTH
Open Drain
VDDH Reset
This pin is an open drain reset output, monitoring the VDDH regulator.
4
RSTL
Open Drain
VDDL Reset
This pin is an open drain reset output, monitoring the VDDL regulator.
5
RST3
Open Drain
VDD3 Reset
This pin is an open drain reset output, monitoring the VDD3 regulator.
6
VREF2
Power Output
VREF Output 2
This pin is the output of the protected supply VREF2. The pin is supplied
from the VDDH through the protection FET.
7
VDDL
Analog Input
VDDL Regulator
This pin is the VDDL regulator output feedback pin.
8
VDDH
Analog/
Power Input
VDDH Regulator
This pin is the 5.0V output feedback pin of the buck regulator. The pin is
also a power input for the protected outputs VREF1,2.
9
VDDL_B
Analog
Output
VDDL Regulator Base
Drive
VDDL linear regulator base drive.
10
VREF1
Power Output
VREF Output 1
This pin is the output of the protected supply VREF1. The pin is supplied
from the VDDH through the protection FET.
11
REGON
Logic Input
Regulator Hold On
Regulator Hold On input pin.
12
IGN_ON
Open Drain
VIGN Status
This open drain output signals the status of the VIGN pin.
13
VCOMP
Analog
Output
Compensation
This pin provides switching pre-regulator compensation, it is the output of
the error amplifier.
14
INV
Analog Input
Inverting Input
Inverting input of the switching regulator error amplifier.
15
FREQ
Analog Input Frequency Adjustment Frequency adjustment of the switching regulator. The value of the resistor
to ground at this pin determines the oscillator frequency.
16
P1
Logic Input
Programming Pin 1
Programming pin 1 for the VDD3, VDDL, and VKAM reference voltages.
Note: The exposed pad is electrically and thermally connected to the IC ground.
HRT
RSTKAM
RSTH
RSTL
RST3
VREF2
VDDL
VDDH
VDDL_B
VREF1
REGON
IGN_ON
VCOMP
INV
FREQ
P1
P3
VIGN
GND
VDD3_B
VDD3
VKAM
CP
KA_VBAT
VBAT
VBAT
SW
SW
SR
BOOT
PFD
P2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com