Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33730 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33730 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33730
FUNCTIONAL DEVICE OPERATION
OPERATION DESCRIPTION
REGON
The REGON feature permits the microcontroller to select
a delayed shutdown of the 33730. It holds off the activation of
the reset signals to the microcontroller after the VIGN signal
has transitioned. This allows the microcontroller to control the
power up and power down of the main regulator outputs
except for the standby supplies. The REGON pin input
threshold voltages allow control by the standard 2.5V (up to
5V) logic ICs.
HARDWARE RESETS (RSTL, RST3, RSTH, and
RSTKAM)
The Hardware Resets are open drain, active low outputs
capable of sinking 5mA current and able to withstand +7.0V.
The RSTL control circuit monitors the VDDL output. If the
VDDL output is out of regulation (low), the device will assert
the RSTL signal low.
The RST3 control circuit monitors the VDD3 output. If the
VDD3 output is out of regulation (low), the device will assert
the RST3 signal low.
The RSTH control circuit monitors the VDDH output. If the
VDDH output is out of regulation (low or high), the device will
assert the RSTH signal low.
The RSTKAM control circuit monitors the VKAM output. If
the VKAM output is out of regulation (low), the device will
assert the RSTH signal low.
All Reset monitoring circuits have a 20
μs delay filter to
avoid unintended resets caused by noise glitches on the
regulator output lines.
HR TIMER
The HR (Hardware Reset) Timer provides the delay
between the time when the particular regulator output voltage
is in regulation and the release of the Reset signal. This delay
can be programmed by a single external resistor. This
solution provides better accuracy than the commonly used
external RC timer. The HR Timer delay can be programmed
in eight 8ms steps from 0 to 56ms (see Table 7)
.
Figure 6. Battery Voltage Ramp Up
Table 7. HR Timer Delay Programming
Programming Resistor
Value RHRT [ohms]
Delay (typ.)
[ms]
68k
0
33k
8
16k
16
8.2k
24
3.9k
32
2.0k
40
1.0k
48
470
56
VKAM =1.0V
Battery
Voltage
RSTKAM
POR Delay
RST L, RST 3
POR Delay
4.5V
RSTH
POR Delay
VDDL =VDD3 =3.3V
VDDH =5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com