Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33730 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33730 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33730
PIN CONNECTIONS
17
P2
Logic Input
Programming Pin 2
Programming pin 2 for the VDD3, VDDL, VKAM reference voltages.
18
PFD
Analog
Output
Protection FET Drive
Reverse battery protection FET gate drive.
19
BOOT
Analog Input
Bootstrap
This pin is connected to the bootstrap capacitor.
20
SR
Analog Input
Slew-rate
Slew-rate Control of the switching regulator.
21,22
SW
Power Output
Switch Node
These pins are the source of the internal power switch (N-channel
MOSFET).
23,24
VBAT
Power Input
Battery Voltage
Supply
Voltage supply to the IC (external reverse battery protection needed in
some applications).
25
KA_VBAT
Power Input
Keep Alive Supply
This pin is the keep alive supply input.
26
CP
Analog
Output
Charge Pump
External capacitor reservoir of the internal charge pump.
27
VKAM
Power Output
Keep Alive Memory
Keep Alive Memory (standby) supply output.
28
VDD3
Analog Input VDD3 Linear Regulator This is a VDD3 regulator output feedback pin.
This pin is also the output of the VDD3 standby regulator.
29
VDD3_B
Analog
Output
VDD3 Linear
Regulator Base Drive
This pin can be used also as an additional standby regulator without the
external pass transistor.
30
GND
Ground
Ground
This pin is a ground.
31
VIGN
Analog Input
Voltage Ignition
This pin is the ignition switch control input pin. It contains an internal
protection diode.
32
P3
Logic Input
Programming Pin 3
Programming pin 3 for the VDD3, VDDL, and VKAM reference voltages.
Table 1. 33730 Pin Definitions(continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 12.
Pin Number
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com