Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33730 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33730 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33730
FUNCTIONAL DEVICE OPERATION
OPERATION DESCRIPTION
FUNCTIONAL DEVICE OPERATION
OPERATION DESCRIPTION
INTRODUCTION
The 33730 has two supply inputs. The KA_VBAT pin is the
supply input for the standby regulators VKAM (and optionally
VDD3_SBY, see Table 6) and for the internal supply circuits.
The VBAT pin is the power input of the integrated buck
regulator, which steps-down the protected battery voltage
providing directly the 5.0V system supply VDDH. VDDH
provides power for the main linear regulator(s) VDDL, VDD3,
and also for the other module circuits requiring 5.0V supply
voltage (e.g. protected VREF1,2 outputs).
If the supply voltage ramps from zero volts up to its
nominal level, the 33730 will start at the latest when the
supply (battery) voltage reaches VSTUP at the KA_VBAT pin.
If the supply voltage ramps down, the 33730 will keep
operating (with degradation of the output voltage regulation)
down to VUVLO_f at the KA_VBAT pin. The VKAM output stays
operational down to VUVLO_f at the KA_VBAT pin.
The 33730 will operate in systems with and without
standby mode. In the Standby (sleep) mode of operation the
IC will draw maximum IQ quiescent current, assuming only
the VKAM is used as a standby output, and it is unloaded.
When VDD3 is used as an additional standby output the
quiescent current increases by approximately another
100
μA.
POWER UP
The 33730 will safely power up when the power is applied
simultaneously (hot plugged) or in the random sequence to
the KA_VBAT, VBAT and VIGN (or REGON) inputs.
POWER DOWN
The 33730 will safely power down when the power is
disconnected from any of the KA_VBAT, VBAT inputs or
when control signals the VIGN or REGON inputs go low.
UNDERVOLTAGE LOCK-OUT (UVLO)
There is an under-voltage lock-out feature implemented
into the IC. When the battery voltage at the KA_VBAT pin
falls below VUVLO_f the under-voltage comparator initiates the
power down sequence for the whole IC. The under-voltage
lock-out circuit has a VUVLO_hys hysteresis and 5.0μs glitch
filter in order to prevent spurious tripping its threshold level
and consequent system oscillations between the ON and
OFF states.
SWITCHING REGULATOR
The 33730 switching regulator is a fixed frequency
(externally adjustable) PWM voltage mode controller with
integrated low-RDS(ON) N-channel power MOSFET. This
architecture is widely flexible and provides a possibility to
optimize its operation over a wide range of input voltages.
The 33730 switching regulator provide the following features:
Adjustable Switching Frequency
The adjustable frequency feature provides the ability to
modify the switcher performance for optimized cost (higher
frequency, smaller, cheaper components) or higher efficiency
and better EMC performance (lower switching frequency for
reduced losses and EMI). The operating frequency of the
switching regulator can be adjusted by means of an external
resistor RF connected from the FREQ pin to ground (see
Figure 4).
Figure 4. Switching Regulator Frequency vs. RFreq
Value.
Adjustable Slew-rate
The adjustable slew-rate option allows, with selection of
the right switching frequency, optimization of the system for
EMC performance.
Over-voltage Lock-Out (Shut-Down)
The over-voltage lock-out (shut-down) feature turns the
switching regulator off when the input voltage exceeds the
VSHDN_r limit. This extends the 33730 capability to survive
the severe load dump conditions up to max VBAT.
Operation at 100% Duty Cycle
The internal charge pump is used to enhance the power
MOSFET gate when the switching regulator reaches 100%
duty cycle during the low battery conditions.
The switching regulator output voltage VDDH is regulated
to provide 5.0V @ 2.0A with ±2% accuracy and it is intended
to directly power the digital and analog circuits of the
Electronic Control Module (ECM). The switching regulator
output current is also used by the following linear regulators
VDD3_3, VDDL, and sensor supplies VREF1, and VREF2.
Frequency vs R
Freq
0
100
200
300
400
500
600
0
2040
6080
100
R
Freq [k ohm ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com