Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33730 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33730 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33730
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 7. Battery Voltage Ramp Down
OPERATIONAL MODES
The 33730 can operate in the two modes: Low quiescent
current Sleep mode and Normal mode of operation.
SLEEP MODE
The 33730 operates in the Sleep mode when both the
VIGN pin and the REGON pins are pulled low. Both of these
pins have internal pull-downs, which assures that the IC is in
this defined state when those pins are left open.
When the IC enters the Sleep mode, all major functions
are disabled except for the Standby regulators. The Keep-
Alive regulator VKAM stays always operational (see Table 6).
If this output stays unloaded, the IC in the Sleep mode
consumes very low quiescent current (IQ).
If the VDD3 output was programmed as a VDD3 Standby
regulator (see Table 6), it too stays operational during the
Sleep mode, as well as the VKAM regulator. In this case, the
IC consumes about 100
μA of additional quiescent current
(assuming both VKAM and VDD3 Standby outputs are
unloaded).
NOTE: In the Sleep mode, the RSTKAM and RST3 are not
active and their outputs (as well as the outputs of RSTL and
RSTH) are in the high-impedance state.
NORMAL MODE
The 33730 enters the Normal mode of operation when
either the VIGN pin or the REGON pin is pulled high. In this
case the IC is fully operational with all regulator outputs ready
to supply power and all control, monitoring and protection
features activated.
VKAM =1.0V
3.0V
Battery
Voltage
RSTKAM
RSTL, RST3
RSTH
VDDL =VDD3 =3.3V
VDDH =5.0 V
100us
VDD3,
VDDL
out of
regulation
VDDH
turned
off
VDD3, VDDL
actively
pulled low
VDDH
out of
regulation
4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com