Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33730 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33730 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33730
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristic
Characteristics noted under conditions 6.0V
≤ KA_VBAT = VBAT ≤ 26.5V, -40°C ≤ TA ≤ 125°C using the typical application circuit,
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
GENERAL
Keep-Alive Start-Up Voltage (at the KA_VBAT pin), VKAM Output Up
VKAM_STUP
4.5
—
—
V
Start-Up Voltage (at the KA_VBAT pin), VDD3, VDD3 standby, VDDL Up
VSTUP
4.5
—
—
V
Over-voltage Shutdown
Voltage at KA_VBAT pin rising
VSHDN_r
35
—
42
V
Under-voltage Lock-out
Voltage at KA_VBAT pin falling
VUVLO_f
3.6
—
4.3
V
Voltage at KA_VBAT pin rising
VUVLO_r
3.7
—
4.4
V
Under-voltage Lock-out Hysteresis(6)
VUVLO_hys
—
0.1
—
V
Sleep Quiescent Current (Sleep mode)
VIGN = 0V, REGON = 0V, IVKAM = 0mA, VDD3 OFF, VBAT = 14.0V,
IQ
—
—
500
µA
KA_VBAT = 14V (P1=1, P2=1, P3=1)
SWITCHING REGULATOR (VDDH)
Buck Converter Output Voltage
VBAT = 6.0V to 26.5V, ILOAD = 100mA
VDDH
4.9
5.0
5.1
V
VBAT = 26.5V to 35V, ILOAD = 100mA
4.85
5.0
5.15
V
Switching Regulator Current Limit (see Figure 5)
Pulse-by-Pulse Current Limit
ILIM_SW
-2.25
-3.5
-4.25
A
Extreme Current Limit (see Figure 5)(6)
ILIM_SW_Ext
-3.75
-4.5
-6.00
A
SW Drain Source On Resistance(6)
RDS(ON)
—
—
200
m
Ω
ID = 500mA, VBAT = 5.0V
Thermal Shutdown Junction Temperature(6)
TSH
—
—
195
°C
TSL
155
—
—
°C
Thermal Shutdown Hysteresis(6)
TSHYS
1.0
—
20
°C
VDD3 LINEAR REGULATOR
VDD3 Output Voltage (Includes Line and Load Regulation)
VDD3
-3.0
—
3.0
%
IVDD3 = 0mA to -500mA, See Table 1 for VDD3 Output Settings
VDD3 Dropout Voltage (VDDH - VDD3)
VDD3_DO
—
1.1
1.5
V
IVDD3 = -800mA (VDD3 set to 3.3V via P1, P2, P3 and with external
transistor)
Notes
6.
Guaranteed By Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com