Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33730 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33730 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33730
FUNCTIONAL DEVICE OPERATION
OPERATION DESCRIPTION
The direct voltage conversion to VDDH = 5.0V together with
the Protection FET Driver circuit allows operation of the IC at
very low battery voltages, which would otherwise require to
use a boost regulator (with an additional system cost) or a
different and more expensive switching converter topology
(e.g. flyback).
Short Circuit Protection
The switching regulator is protected against the over-
current and short-circuit conditions. It integrates a current
limit circuit, which has two threshold levels - the pulse by
pulse, and the extreme.
Pulse by Pulse Current Limit
Pulse-by-Pulse Current Limit threshold has a nominal
value set ILIM_SW. When the current flowing through switching
regulator power FET exceeds this value the power FET is
immediately turned off. During the next switching cycle the
power FET is turned on again until it is commanded off by its
natural duty cycle or until the current reaches the threshold
level again. It should be noted that the current limit is blanked
for several tens of nanoseconds during the turn-on and turn-
off transition times in order to prevent erroneous turn off due
to the current spikes caused by switcher parasitic
components.
Extreme Current Limit.
In some cases, during the over-current or short circuit
condition, the inductor current does not sufficiently decay
during the off time of the switching period. The current rise
during the current limit blanking time is higher than the decay
during the off time. In this case the current in the inductor
builds up every consecutive switching cycle. In order to
prevent the power FET failure during this condition an
extreme current limit has been implemented. When the
current flowing through the power FET reaches the
ILIM_SW_Ext threshold, the switching regulator will shut off for
500
μs, before the switching regulator is allowed to turn on
again (see Figure 5).
Figure 5. 33730 Current Limit
Soft Start
The switching regulator has an integrated soft-start
feature. During the soft-start sequence the duty cycle of the
internal power switch will be gradually increased from low
value to the regulation level. This technique prevents any
undesirable inrush current into the buck regulator output
capacitor.
LINEAR REGULATORS
The 33730 integrates two linear regulator control circuits
VDD3 (programmable), VDDL (programmable) both capable of
driving up to 15mA (min.) base current into the external pass
NPN transistors. The output voltage of both linear regulators
is monitored at their feedback pins (VDD3 and VDDL). If the
voltage at any of the VDD3, VDDL feedback pins fall below their
regulation level, the supervisory Reset control circuits will
assert the corresponding reset signal (RSTL, and/or RST3
lines will be pulled low). See Table 6 for the output voltage
selection details.
The linear regulators will stay in regulation down to 4.5V at
the KA_VBAT pin.
The 33730 linear regulators offer high flexibility and
variability of the module design in terms of selectable output
voltages as well as wide range of output current capability.
There several types of suitable external pass NPN transistors
which could be used. The choice of the particular type
depends mostly on the expected power dissipation of the
pass transistor. The following parts provide good solution and
have been bench tested with the 33730:
BCP68T1 (SOT-223)
NJD2873T4 (DPAK)
MJB44H11 (D2PAK)
Available from ON Semiconductor.
NOTE: The 33730 linear regulators have been designed to
use low ESR ceramic output capacitors - see Figure 8 and
Figure 9 for the recommended values.
STANDBY REGULATORS
The 33730 integrates two standby linear regulators, the
VKAM and the optional standby regulator VDD3 (see Figure 9)
for the optional standby circuit).The output voltage levels of
both standby linear regulators are programmable and
supervised by the Reset control circuits (RSTKAM, and/or
RST3). Both the VKAM and VDD3 outputs are capable of
delivering IVKAM_LIM and IVDD3_LIM of load current. See
Table 6 for the VKAM and VDD3 standby output voltage
selection details.
The VKAM standby regulator will keep functioning even
below VUVLO_f but the specified drop out voltage may not be
maintained.
NOTE: The 33730 standby regulators have been designed
to use low ESR ceramic output capacitors - see Figure 8 and
Figure 9 for recommended values.
PROGRAMMING LINEAR REGULATOR OUTPUT
VOLTAGE
The output voltage of the VDD3, VDDL and VKAM outputs
can be externally programmed by placing logic levels on the
programming pins P1, P2, and P3 (see Table 6). This
tBLANK
TSW
ILim
3.5A
4.5A
500us d elay
TSW
0
Inductor
Cu rrent
Switcher
FET Gate
Ext.
ILim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com