Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33730 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33730 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33730
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
SUPERVISORY AND CONTROL CIRCUITS (CONTINUED)
VDD3_SBY Reset Lower Threshold Voltage
-3.0
-12.5
-30
%
(
ΔVDD3_SBY /VDD3_SBY)
VKAM Reset Lower Threshold Voltage (ΔVKAM /VkAM)
-3.0
-12.5
-30
%
RSTH, RSTL, RST3, RSTKAM Low-level Output Voltage
—
—
0.4
V
IOL = 5mA
IGN_ON Low-level Output Voltage
—
—
0.4
V
IOL = 5mA
Table 4. Static Electrical Characteristic(continued)
Characteristics noted under conditions 6.0V
≤ KA_VBAT = VBAT ≤ 26.5V, -40°C ≤ TA ≤ 125°C using the typical application circuit,
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com