Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33730 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33730 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33730
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
Supply Voltage (VBAT)
VBAT
-0.3 to +40
V
Keep-Alive Supply Voltage (KA_VBAT)
KA_VBAT
-18 to +40
V
Control Inputs (VIGN, P1, P2, P3), PFD Output
-18 to +40
V
Bootstrap Voltage (BOOT, SR) referenced to ground
VBOOT
-0.3 to +50
V
Bootstrap Voltage (BOOT, SR) referenced to SW
VBOOT - VSW
-0.3 to +12
V
Charge Pump Output Voltage (CP)
VCP
-0.3 to +12
V
Switch Node Voltage SW
VSW
-2.0 to +40
V
Sensor Supplies (VREF1, VREF2)
VREF
-1.0 to +26.5
V
Regulator Voltages (VDDH,VDD3, VDD3_B, VDDL,VDDL_B, VKAM)
VREG
-0.3 to +7.0
V
Open Drain Outputs (RSTH, RSTL, RST3, RSTKAM, IGN_ON), REGON
VDD
-0.3 to +7.0
V
Analog Inputs (VCOMP, INV, FREQ, HRT)
VIN
-0.3 to +3.0
V
ESD Voltage(1)
Human Body Model - HBM (all pins except BOOT, VDDL, RSTL)
Human Body Model - HBM (Pins BOOT, VDDL, RSTL)
Machine Model - MM (all pins)
Charge Device Model - CDM (all pins)
VESD
±2000
±1500
±200
±750
V
Operational Package Temperature (Ambient Temperature)
TA_MAX
-40 to +125
°C
Storage Temperature
TSTO
-65 to +150
°C
Peak Package Reflow Temperature During Reflow(2), (3)
TPPRT
Note 3
°C
Maximum Junction Temperature
TJ_MAX
150
°C
Thermal Resistance, Junction to Ambient(4)
RθJ-A
41
°C/W
Thermal Resistance, Junction to Case(5)
RθJ-C
1.2
°C/W
Notes
1.
ESD testing is performed in accordance with the Human Body Model (HBM) (AEC-Q100-2), the Machine Model (MM) (AEC-Q100-003),
RZAP = 0Ω), and the Charge Device Model (CDM), Robotic (AEC-Q100-011).
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
4.
Thermal resistance measured in accordance with EIA/JESD51-2.
5.
Theoretical thermal resistance from the die junction to the exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com