Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33730 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33730 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33730
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33730 Simplified Internal Block Diagram
UVLO
/OVLO
VBAT
VBAT
KA_VBAT
VKAM
CP
PFD
REG ON
VIGN
IGN_ON
VREF1
VREF2
P1
P2
P3
RSTKAM
RSTH
RST3
RSTL
SW
SW
FREQ
BOOT
SR
INV
VCOMP
VDDH
VDD3_B
VDD3
VDDL_B
VDDL
HRT
GND
Oscillator
Feed
Forward
Ramp
Generator
HS Drive
Level
Shifter
VKAM
15 mA, ILIM,
TLIM
Protection
FET
Drive
Charge
Pump
5.0V
ILIM=150mA
26.5V,-1V,TLIM
Ref. Voltage
Programming
Block
5.0V
ILIM=150mA
26.5V,-1V,TLIM
Standby
Control
Buck
Control Logic
CP
+
+
+
Enable
VKAM
Reset Detect
VDDH
Reset Detect
VDD3
Reset Detect
VDDL
Reset Detect
HR Timer
VKAM, VDDL, VDD3,
VDD3_SBY
Reference Voltage
Bandgap
Preference
T-lim
VBG
VDD3
ILim, TLim
VDD3_SBY
ILim, TLim
VDDL
ILim
20K
5.0K
VBG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com