Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33730 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33730 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Document Number: MC33730
Rev. 5.0, 7/2009
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Switch Mode Power Supply with
Multiple Linear Regulators
The 33730 is a multiple output power supply integrated circuit for
automotive applications. The integrated circuit (IC) incorporates a
switching regulator which operates over a wide input voltage range
from +4.5V to +26.5V.
The step-down switching regulator uses a fixed frequency PWM
voltage mode control. It has a 3.5A current limit (typical) and the slew-
rate is adjustable via a control pin to reduce switching noise. The
switching regulator has an adjustable frequency oscillator, which
allows the user to optimize its operation over a wide range of input
voltages and component values.
The linear regulators can be configured either as two normal mode
regulators (VDD3, VDDL) and one standby regulator (VKAM), or as one
normal mode linear regulator (VDDL) and two standby regulators (VKAM
and VDD3 Standby). Two protected outputs [VREF (1, 2)] are used to
provide power to external sensors.
Features
• Provides all regulated voltages for Freescale 32-bit
microcontroller family
• Adjustable frequency switching buck regulator with slew-rate
control
• Power sequencing provided
• Programmable voltages VDDL, VDD3 - 3% accuracy
• Programmable standby regulator VKAM - 15% accuracy,
operating down to 4.5V at KA_VBAT pin
•VDD3 can be programmed as an optional second standby regulator with 15% accuracy
• Provides two 5.0V protected supplies for sensors
• Provides reverse battery protection FET gate drive
• Provides necessary MCU monitoring and fail-safe support
• Pb-free packaging designated by suffix code EK
Figure 1. 33730 Simplified Application Diagram
SWITCHING POWER SUPPLY
EK SUFFIX (PB-FREE)
98ARL10543D
32-LEAD SOICW-EP
33730
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MCZ33730EK/R2
-40°C to 125°C
32-SOICW-EP
VBAT
KA_VBAT
VIGN
VREF1,2
GND
HRT
BOOT
SW
VDDH
VCOMP
VDD3_B
VDD3
VDDL
VKAM
RSTs
+
+
5.0 V
+
+
INV
VDDL_B
5.0V
KA_1.0V
1.5V
MCU
(32 Bit)
3.3V
33730
P1
P2
PFD
P3
REGON
IGN_ON
CP
5.0V


Similar Part No. - 33730

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
More results

Similar Description - 33730

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
Switching Power Supply
logo
CUI INC
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
SWITCHING POWER SUPPLY
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
SWITCHING POWER SUPPLY
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com