Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP3421 Datasheet HTML 20Page - Microchip Technology MCP3421 Datasheet HTML 21Page - Microchip Technology MCP3421 Datasheet HTML 22Page - Microchip Technology MCP3421 Datasheet HTML 23Page - Microchip Technology MCP3421 Datasheet HTML 24Page - Microchip Technology MCP3421 Datasheet HTML 25Page - Microchip Technology MCP3421 Datasheet HTML 26Page - Microchip Technology MCP3421 Datasheet HTML 27Page - Microchip Technology MCP3421 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
MCP3421
DS22003E-page 24
© 2009 Microchip Technology Inc.
TABLE 5-4:
I2C SERIAL TIMING SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, all limits are specified for T
A = -40 to +85°C,
VIN+ = VIN- = VREF/2, VSS = 0V, VDD = +2.7V to +5.0V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Standard Mode (100 kHz)
Clock frequency
fSCL
—
—
100
kHz
Clock high time
THIGH
4000
—
—
ns
Clock low time
TLOW
4700
—
—
ns
SDA and SCL rise time
TR
—
—
1000
ns
From VIL to VIH (Note 1)
SDA and SCL fall time
TF
—
—
300
ns
From VIH to VIL (Note 1)
START condition hold time
THD:STA
4000
—
—
ns
START (Repeated) condition
setup time
TSU:STA
4700
—
—
ns
Data hold time
THD:DAT
0
—
3450
ns
(
Note 3)
Data input setup time
TSU:DAT
250
—
—
ns
STOP condition setup time
TSU:STO
4000
—
—
ns
Output valid from clock
TAA
0
—
3750
ns
(
Note 2, Note 3)
Bus free time
TBUF
4700
—
—
ns
Time between START and
STOP conditions.
Fast Mode (400 kHz)
Clock frequency
TSCL
—
—
400
kHz
Clock high time
THIGH
600
—
—
ns
Clock low time
TLOW
1300
—
—
ns
SDA and SCL rise time
TR
20 + 0.1Cb
—
300
ns
From VIL to VIH (Note 1)
SDA and SCL fall time
TF
20 + 0.1Cb
—
300
ns
From VIH to VIL (Note 1)
START condition hold time
THD:STA
600
—
—
ns
START (Repeated) condition
setup time
TSU:STA
600
—
—
ns
Data hold time
THD:DAT
0
—
900
ns
(
Note 4)
Data input setup time
TSU:DAT
100
—
—
ns
STOP condition setup time
TSU:STO
600
—
—
ns
Output valid from clock
TAA
0
—
1200
ns
(
Note 2, Note 3)
Bus free time
TBUF
1300
—
—
ns
Time between START and
STOP conditions.
Note 1: This parameter is ensured by characterization and not 100% tested.
2: This specification is not a part of the I2C specification. This specification is equivalent to the Data Hold
Time (THD:DAT) plus SDA Fall (or rise) time: TAA = THD:DAT + TF (OR TR).
3: If this parameter is too short, it can create an unintended Start or Stop condition to other devices on the
bus line. If this parameter is too long, Clock Low time (TLOW) can be affected.
4: For Data Input: This parameter must be longer than t
SP. If this parameter is too long, the Data Input Setup
(TSU:DAT) or Clock Low time (TLOW) can be affected.
For Data Output: This parameter is characterized, and tested indirectly by testing TAA parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com