Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP3421 Datasheet HTML 26Page - Microchip Technology MCP3421 Datasheet HTML 27Page - Microchip Technology MCP3421 Datasheet HTML 28Page - Microchip Technology MCP3421 Datasheet HTML 29Page - Microchip Technology MCP3421 Datasheet HTML 30Page - Microchip Technology MCP3421 Datasheet HTML 31Page - Microchip Technology MCP3421 Datasheet HTML 32Page - Microchip Technology MCP3421 Datasheet HTML 33Page - Microchip Technology MCP3421 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
MCP3421
DS22003E-page 30
© 2009 Microchip Technology Inc.
6.2.3
PRESSURE MEASUREMENT
Figure 6-7 shows an example of measuring the
pressure
using
NPP301
(manufactured
by
GE NovaSensor). No external signal conditioning
circuit is needed by utilizing its internal PGA. The
pressure sensor output is 20 mV/V. This gives 100 mV
of full scale output for VDD of 5V (sensor excitation
voltage). Equation 6-1 shows an example of calculat-
ing the number of output code for the full scale output
of the NPP301.
FIGURE 6-7:
Example of Pressure
Measurement.
EQUATION 6-1:
EXPECTED NUMBER OF
OUTPUT CODE FOR
NPP301 PRESSURE
SENSOR
6.2.4
WHEATSTONE BRIDGE TYPE
SENSORS WITH SIGNAL
CONDITIONING
Wheatstone bridge is one of the most common
configurations in the sensor applications. Strain
gauges and pressure sensors are the common
examples. When the sensor output signal is small and
the common mode noise level is large, it needs a signal
conditioning circuit between the sensor and the
MCP3421. Figure 6-8 and Figure 6-9 show examples
of using the MCP6V01 (high precision auto-zeroed
Op Amp) for the sensor signal conditioning. Figure 6-8
shows the interface circuit with a minimum of compo-
nents between the sensor and the MCP3421, but it is
not symmetric, and therefore, the ADC input becomes
a single ended. On the other hand, the Figure 6-9 has
a symmetric and differential output, but requires more
components.
FIGURE 6-8:
Simple Signal Conditioning
Design with Asymmetric Circuit.
FIGURE 6-9:
High Performance Signal
Conditioning Design with Symmetric Circuit.
NPP301
MCP3421
VIN+
VIN-
VDD
VSS
1
2
3
4
5
6
SCL
SDL
10 µF
0.1 µF
R
R
VDD
VDD
TO MCU
(MASTER)
VDD
Expected
log
2
100 mV
15.625
μV
PGA
------------------------
------------------------
⎝⎠
⎜⎟
⎜⎟
⎛⎞
Number of Output Code =
Where:
1 LSB
=
15.625 µV with 18 Bit configuration.
= 12.64 bits for PGA
=1
= 13.64 bits for PGA
=2
= 14.64 bits for PGA
=4
= 15.64 bits for PGA
=8
VDD
RR
RR
100R
C
MCP6V01
VDD
0.2R
0.2R
3k
Ω
MCP3421
20 k
Ω
1µF
20 k
Ω
1µF
VDD
1/2 MCP6V02
1/2 MCP6V02
200
Ω
200
Ω
3k
Ω
3k
Ω
1µF
RR
RR
VDD
10 nF
10 nF
200
Ω
200
Ω
MCP3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com