Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP3421 Datasheet HTML 24Page - Microchip Technology MCP3421 Datasheet HTML 25Page - Microchip Technology MCP3421 Datasheet HTML 26Page - Microchip Technology MCP3421 Datasheet HTML 27Page - Microchip Technology MCP3421 Datasheet HTML 28Page - Microchip Technology MCP3421 Datasheet HTML 29Page - Microchip Technology MCP3421 Datasheet HTML 30Page - Microchip Technology MCP3421 Datasheet HTML 31Page - Microchip Technology MCP3421 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
MCP3421
DS22003E-page 28
© 2009 Microchip Technology Inc.
6.1.3
DEVICE COMMUNICATION TEST
The user can test the communication between the
Master (MCU) and the MCP3421 by simply checking
an acknowledge response from the MCP3421 after
sending a read or write command. Here is an example
using Figure 6-3:
a)
Set the R/W bit “LOW” in the address byte.
b)
Check the ACK pulse after sending the
address byte.
If the device acknowledges (ACK = 0), then the
device
is
connected,
otherwise
it
is
not
connected.
c)
Send a STOP bit.
FIGURE 6-3:
I2C Bus Communications
Test.
6.1.4
DIFFERENTIAL AND SINGLE-
ENDED CONFIGURATION
Figure 6-4 shows typical connection examples for
differential and single-ended inputs. Differential input
signals are connected to the VIN+ and VIN- input pins.
For the single-ended input, the input signal is applied to
one of the input pins (typically connected to the VIN+
pin) while the other input pin (typically VIN- pin) is
grounded. All device characteristics hold for the single-
ended configuration, but this configuration loses one bit
resolution because the input can only stand in
positive half scale. Refer to
Section 4.9 “Digital
Output Codes and Conversion to Real Values”.
FIGURE 6-4:
Differential and Single-
Ended Input Connections.
1
2
34
5
6
78
9
SCL
SDA
11
0
1A2 A1 A0 0
Start
Bit
Address Byte
Address bits
ADC Section
R/W
Stop
Bit
Response
Device Code
MCP3421
(a) Differential Input Signal Connection:
Input Signal
(b) Single-ended Input Signal Connection:
Input Signal
Sensor
Sensor
Excitation
Excitation
R1
R2
VIN+
VIN-
VDD
VIN+
VIN-
VDD
C1
C2
C1
C2
C1 : 0.1 µF, Ceramic Capacitor
C2 : 10 µF, Tantalum Capacitor
MCP3421
MCP3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com