Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 3 Page - Microchip Technology

  MCP3421 Datasheet HTML 1Page - Microchip Technology MCP3421 Datasheet HTML 2Page - Microchip Technology MCP3421 Datasheet HTML 3Page - Microchip Technology MCP3421 Datasheet HTML 4Page - Microchip Technology MCP3421 Datasheet HTML 5Page - Microchip Technology MCP3421 Datasheet HTML 6Page - Microchip Technology MCP3421 Datasheet HTML 7Page - Microchip Technology MCP3421 Datasheet HTML 8Page - Microchip Technology MCP3421 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22003E-page 3
MCP3421
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings†
VDD...................................................................................7.0V
All inputs and outputs w.r.t VSS ............... –0.3V to VDD+0.3V
Differential Input Voltage ...................................... |VDD - VSS|
Output Short Circuit Current ................................ Continuous
Current at Input Pins ....................................................±2 mA
Current at Output and Supply Pins ............................±10 mA
Storage Temperature ....................................-65°C to +150°C
Ambient Temp. with power applied ...............-55°C to +125°C
ESD protection on all pins
................ ≥ 6kVHBM, ≥ 400V MM
Maximum Junction Temperature (TJ). .........................+150°C
†Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability
.
1.2
Electrical Specifications
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all parameters apply for T
A = -40°C to +85°C, VDD = +5.0V, VSS = 0V,
VIN+ = VIN- = VREF/2. All ppm units use 2*VREF as full scale range.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Analog Inputs
Differential Input Range
—
±2.048/PGA
—
V
VIN = VIN+ - VIN-
Common-Mode Voltage Range
(absolute)
(Note 1)
VSS-0.3
—
VDD+0.3
V
Differential Input Impedance
(Note 2)
ZIND (f)
—
2.25/PGA
—
M
Ω
During normal mode operation
Common Mode input
Impedance
ZINC (f)
—
25
—
M
Ω
PGA = 1, 2, 4, 8
System Performance
Resolution and No Missing
Codes
(Note 8)
12
—
—
Bits
DR = 240 SPS
14
—
—
Bits
DR = 60 SPS
16
—
—
Bits
DR = 15 SPS
18
—
—
Bits
DR = 3.75 SPS
Data Rate
(Note 3)
DR
176
240
328
SPS
S1,S0 = ‘00’, (12 bits mode)
44
60
82
SPS
S1,S0 = ‘01’, (14 bits mode)
11
15
20.5
SPS
S1,S0 = ‘10’, (16 bits mode)
2.75
3.75
5.1
SPS
S1,S0 = ‘11’, (18 bits mode)
Output Noise
—
1.5
—
µVRMS
TA = +25°C, DR = 3.75 SPS,
PGA = 1, VIN = 0
Integral Nonlinearity (Note 4)
INL
—
10
35
ppm of
FSR
DR = 3.75 SPS
(Note 6)
Internal Reference Voltage
VREF
—
2.048
—
V
Note 1:
Any input voltage below or greater than this voltage causes leakage current through the ESD diodes at the input pins.
This parameter is ensured by characterization and not 100% tested.
2:
This input impedance is due to 3.2 pF internal input sampling capacitor.
3:
The total conversion speed includes auto-calibration of offset and gain.
4:
INL is the difference between the endpoints line and the measured code at the center of the quantization band.
5:
Includes all errors from on-board PGA and VREF.
6:
Full Scale Range (FSR) = 2 x 2.048/PGA = 4.096/PGA.
7:
This parameter is ensured by characterization and not 100% tested.
8:
This parameter is ensured by design and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com