Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3421 Datasheet HTML 6Page - Microchip Technology MCP3421 Datasheet HTML 7Page - Microchip Technology MCP3421 Datasheet HTML 8Page - Microchip Technology MCP3421 Datasheet HTML 9Page - Microchip Technology MCP3421 Datasheet HTML 10Page - Microchip Technology MCP3421 Datasheet HTML 11Page - Microchip Technology MCP3421 Datasheet HTML 12Page - Microchip Technology MCP3421 Datasheet HTML 13Page - Microchip Technology MCP3421 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MCP3421
DS22003E-page 10
© 2009 Microchip Technology Inc.
3.4
Serial Data Pin (SDA)
SDA is the serial data pin of the I2C interface. The SDA
pin is used for input and output data. In read mode, the
conversion result is read from the SDA pin (output). In
write mode, the device configuration bits are written
(input) though the SDA pin. The SDA pin is an open-
drain N-channel driver. Therefore, it needs a pull-up
resistor from the VDD line to the SDA pin. Except for
start and stop conditions, the data on the SDA pin must
be stable during the high period of the clock. The high
or low state of the SDA pin can only change when the
clock signal on the SCL pin is low. Refer to
Section 5.3
“I2C Serial Communications” for more details of I2C
Serial Interface communication.
Typical range of the pull-up resistor value for SCL and
SDA is from 5 k
Ω to 10 kΩ for standard (100 kHz) and
fast (400 kHz) modes, and less than 1 k
Ω for high
speed mode (3.4 MHz). The High-Speed mode is not
recommended for VDD less than 2.7V.
FIGURE 3-1:
Equivalent Analog Input Circuit.
CPIN
V
RSS
VIN+,VIN-
4pF
VT = 0.6V
VT = 0.6V
ILEAKAGE
Sampling
Switch
SS
RS
CSAMPLE
(3.2 pF)
VDD
(~ ±1 nA)
Legend:
V
=
Signal Source
ILEAKAGE = Leakage Current at Analog Pin
RSS = Source Impedance
SS
=
Sampling Switch
VIN+, VIN- = Analog Input Pin
RS = Sampling Switch Resistor
CPIN = Input Pin Capacitance
CSAMPLE = Sample Capacitance
VT = Threshold Voltage
D1, D2 =
ESD Protection Diode
D1
D2
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com