Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP3421 Datasheet HTML 34Page - Microchip Technology MCP3421 Datasheet HTML 35Page - Microchip Technology MCP3421 Datasheet HTML 36Page - Microchip Technology MCP3421 Datasheet HTML 37Page - Microchip Technology MCP3421 Datasheet HTML 38Page - Microchip Technology MCP3421 Datasheet HTML 39Page - Microchip Technology MCP3421 Datasheet HTML 40Page - Microchip Technology MCP3421 Datasheet HTML 41Page - Microchip Technology MCP3421 Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22003E-page 39
MCP3421
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3421:
Single Channel
ΔΣ A/D Converter
Address Options:
XX
A2
A1
A0
A0 *
=
000
A1
=
001
A2
=
010
A3
=
011
A4
=
100
A5
=
101
A6
=
110
A7
=
111
* Default option. Contact Microchip factory for other
address options
Tape and Reel:
T
= Tape and Reel
Temperature Range:
E
= -40°C to +125°C
Package:
CH = Plastic Small Outline Transistor (SOT-23-6),
6-lead
Examples:
a)
MCP3421A0T-E/CH: Tape and Reel,
Single Channel
ΔΣ A/D
Converter,
SOT-23-6 package,
Address Option = A0.
PART NO.
X
XX
Address
Temperature
Range
Device
/XX
Package
Options
X
Tape and
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com