Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP3421 Datasheet HTML 27Page - Microchip Technology MCP3421 Datasheet HTML 28Page - Microchip Technology MCP3421 Datasheet HTML 29Page - Microchip Technology MCP3421 Datasheet HTML 30Page - Microchip Technology MCP3421 Datasheet HTML 31Page - Microchip Technology MCP3421 Datasheet HTML 32Page - Microchip Technology MCP3421 Datasheet HTML 33Page - Microchip Technology MCP3421 Datasheet HTML 34Page - Microchip Technology MCP3421 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22003E-page 31
MCP3421
6.2.5
TEMPERATURE MEASUREMENT
Figure 6-10
shows
an
example
of
temperature
measurement using a thermocouple sensor and the
MCP9800 silicon temperature sensor. The MCP9800 is
a high accuracy temperature sensor that can detect the
temperature in the range of -55°C to 125°C with 1°C
accuracy.
The
type
K
thermocouple
sensor
senses
the
temperature at the hot junction (THJ) with respect to the
cold junction temperature (reference, TCJ). The
temperature difference between the hot and cold
junctions is represented by the voltage V1. This voltage
is then converted to digital codes by the MCP3421.
In the circuit, the MCP9800 is used for cold junction
compensation. The MCU computes the difference of
the hot and cold junction temperatures, which is
proportional to the hot junction temperature (THJ).
With
Type
K
thermocouple,
it
can
measure
temperature from 0°C to 1250°C degrees. The full
scale output range of the
Type K thermocouple is
about
50 mV.
This
provides
40 µV/°C
(= 50 mV/1250°C)
of
measurement
resolution.
Equation 6-2 shows the measurement budget for ther-
mocouple sensor signal using the MCP3421 device
with 18 bits and PGA = 8 settings. With this configura-
tion, it can detect the input signal level as low as
approximately 2 µV. The internal PGA boosts the input
signal level eight times. The 40 µV/°C input from the
thermocouple is amplified internally to 320 µV/°C
before the conversion takes place. This results in
20.48 LSB/°C output codes. This means there are
about 20 LSB output codes (or about 4.32 bits) per 1°C
of change in temperature.
EQUATION 6-2:
MEASUREMENT BUDGET
FOR THERMOCOUPLE
SENSOR
FIGURE 6-10:
Example of Temperature
Measurement.
Equation 6-3 shows an example of calculating the
expected number of output code with various PGA gain
settings for
Type K thermocouple output.
EQUATION 6-3:
EXPECTED NUMBER OF
OUTPUT CODE FOR
TYPE K THERMOCOUPLE
Input Signal Level after gain of 8:
Where:
1 LSB
=
15.625 µV with 18-bit configuration
Detectable Input Signal Level
15.625
μV/PGA
=
1.953125
μV for PGA
8
=
=
40
μV/°C
() 8320
μV/°C
=
•
=
No. of LSB/°C
320
μV/°C
15.625
μV
-------------------------
20.48 Codes/°C
==
~ 40 µV°C
Thermocouple Sensor
MCP9800
Isothermal Block
Heat
Cold Junction (TCJ)
Hot Junction
(THJ)
SCL
SDA
V1
VDD
VDD
To MCU
(MASTER)
MCP3421
10 k
Ω
10 k
Ω
log
2
50 mV
15.625
μV
PGA
------------------------
------------------------
⎝⎠
⎜⎟
⎜⎟
⎛⎞
Expected
Number of Output Code =
Where:
1 LSB
=
15.625 µV with 18-bit configuration.
= 11.6 bits for PGA = 1
= 12.6 bits for PGA = 2
= 13.6 bits for PGA = 4
= 14.6 bits for PGA = 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com