Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP3421 Datasheet HTML 12Page - Microchip Technology MCP3421 Datasheet HTML 13Page - Microchip Technology MCP3421 Datasheet HTML 14Page - Microchip Technology MCP3421 Datasheet HTML 15Page - Microchip Technology MCP3421 Datasheet HTML 16Page - Microchip Technology MCP3421 Datasheet HTML 17Page - Microchip Technology MCP3421 Datasheet HTML 18Page - Microchip Technology MCP3421 Datasheet HTML 19Page - Microchip Technology MCP3421 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
MCP3421
DS22003E-page 16
© 2009 Microchip Technology Inc.
5.2
Configuration Register
The device has an 8-bit wide configuration register to
select for: input channel, conversion mode, conversion
rate, and PGA gain. This register allows the user to
change the operating condition of the device and check
the status of the device operation.
The user can rewrite the configuration byte any time
during the device operation. Register 5-1 shows the
configuration register bits.
REGISTER 5-1:
CONFIGURATION REGISTER
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
RDY
C1
C0
O/C
S1
S0
G1
G0
1 *
0 *
0 *
1 *
0 *
0 *
0 *
0 *
bit 7
bit 0
* Default Configuration after Power-On Reset
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RDY: Ready Bit
This bit is the data ready flag. In read mode, this bit indicates if the output register has been updated
with a latest conversion result. In One-Shot Conversion mode, writing this bit to “1” initiates a new
conversion.
Reading RDY bit with the read command:
1
= Output register has not been updated.
0
= Output register has been updated with the latest conversion result.
Writing RDY bit with the write command:
Continuous Conversion mode: No effect
One-Shot Conversion mode:
1
= Initiate a new conversion.
0
= No effect.
bit 6-5
C1-C0: These bits are not effected for the MCP3421.
bit 4
O/C: Conversion Mode Bit
1
= Continuous Conversion Mode
(Default). The device performs data conversions continuously.
0
= One-Shot Conversion Mode. The device performs a single conversion and enters a low power
standby mode until it receives another write or read command.
bit 3-2
S1-S0: Sample Rate Selection Bit
00 =
240 SPS (12 bits)
(Default)
01 =
60 SPS (14 bits)
10 =
15 SPS (16 bits)
11
=
3.75 SPS (18 bits)
bit 1-0
G1-G0: PGA Gain Selection Bits
00 =
x1
(Default)
01 =
x2
10 =
x4
11
=
x8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com