Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3421 Datasheet HTML 1Page - Microchip Technology MCP3421 Datasheet HTML 2Page - Microchip Technology MCP3421 Datasheet HTML 3Page - Microchip Technology MCP3421 Datasheet HTML 4Page - Microchip Technology MCP3421 Datasheet HTML 5Page - Microchip Technology MCP3421 Datasheet HTML 6Page - Microchip Technology MCP3421 Datasheet HTML 7Page - Microchip Technology MCP3421 Datasheet HTML 8Page - Microchip Technology MCP3421 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22003E-page 1
MCP3421
Features
• 18-bit
ΔΣ ADC in a SOT-23-6 package
• Differential Input Operation
• Self Calibration of Internal Offset and Gain Per
Each Conversion
• On-Board Voltage Reference:
- Accuracy: 2.048V ± 0.05%
- Drift: 15 ppm/°C
• On-Board Programmable Gain Amplifier (PGA):
- Gains of 1,2, 4 or 8
• On-Board Oscillator
• INL: 10 ppm of FSR (FSR = 4.096V/PGA)
• Programmable Data Rate Options:
- 3.75 SPS (18 bits)
- 15 SPS (16 bits)
- 60 SPS (14 bits)
- 240 SPS (12 bits)
• One-Shot or Continuous Conversion Options
• Low Current Consumption:
- 145 µA typical
(VDD= 3V, Continuous Conversion)
- 39 µA typical
(VDD= 3V, One-Shot Conversion with 1 SPS)
• Supports I2C Serial Interface:
- Standard, Fast and High Speed Modes
• Single Supply Operation: 2.7V to 5.5V
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Portable Instrumentation
• Weigh Scales and Fuel Gauges
• Temperature Sensing with RTD, Thermistor, and
Thermocouple
• Bridge Sensing for Pressure, Strain, and Force.
Package Types
Description
The MCP3421 is a single channel low-noise, high
accuracy
ΔΣ A/D converter with differential inputs and
up to 18 bits of resolution in a small SOT-23-6 package.
The on-board precision 2.048V reference voltage
enables an input range of ±2.048V differentially
(
Δ voltage = 4.096V). The device uses a two-wire I2C
compatible serial interface and operates from a single
2.7V to 5.5V power supply.
The MCP3421 device performs conversion at rates of
3.75, 15, 60, or 240 samples per second (SPS)
depending on the user controllable configuration bit
settings using the two-wire I2C serial interface. This
device has an on-board programmable gain amplifier
(PGA). The user can select the PGA gain of x1, x2, x4,
or x8 before the analog-to-digital conversion takes
place. This allows the MCP3421 device to convert a
smaller input signal with high resolution. The device
has two conversion modes: (a) Continuous mode and
(b) One-Shot mode. In One-Shot mode, the device
enters a low current standby mode automatically after
one conversion. This reduces current consumption
greatly during idle periods.
The MCP3421 device can be used for various high
accuracy analog-to-digital data conversion applications
where design simplicity, low power, and small footprint
are major considerations.
Block Diagram
1
2
3
4
5
6
VIN+
VSS
SCL
VIN-
VDD
SDA
MCP3421
SOT-23-6
VSS
VDD
VIN+
VIN-
SCL
SDA
Voltage Reference
Clock
(2.048V)
I2C Interface
Gain = 1, 2, 4, or 8
VREF
ΔΣ ADC
Converter
PGA
Oscillator
18-Bit Analog-to-Digital Converter
with I2C Interface and On-Board Reference


Similar Part No. - MCP3421

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421 Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3421A0T-E/OT MICROCHIP-MCP3421A0T-E/OT Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3421A1T-E/OT MICROCHIP-MCP3421A1T-E/OT Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3421A2T-E/OT MICROCHIP-MCP3421A2T-E/OT Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3421A3T-E/OT MICROCHIP-MCP3421A3T-E/OT Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
More results

Similar Description - MCP3421

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421 Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3422 MICROCHIP-MCP3422 Datasheet
1Mb / 58P
18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
2009
logo
Maxim Integrated Produc...
MCP3426 MAXIM-MCP3426 Datasheet
950Kb / 56P
16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
Microchip Technology
MCP3428-ESL MICROCHIP-MCP3428-ESL Datasheet
950Kb / 56P
16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
03/26/09
logo
Texas Instruments
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com