Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3421 Datasheet HTML 25Page - Microchip Technology MCP3421 Datasheet HTML 26Page - Microchip Technology MCP3421 Datasheet HTML 27Page - Microchip Technology MCP3421 Datasheet HTML 28Page - Microchip Technology MCP3421 Datasheet HTML 29Page - Microchip Technology MCP3421 Datasheet HTML 30Page - Microchip Technology MCP3421 Datasheet HTML 31Page - Microchip Technology MCP3421 Datasheet HTML 32Page - Microchip Technology MCP3421 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22003E-page 29
MCP3421
6.2
Application Examples
6.2.1
VOLTAGE MEASUREMENT
The MCP3421 device can be used in a broad range of
sensor and data acquisition applications.
Figure 6-5 shows a circuit example measuring the
battery voltage. When the input voltage is greater than
the internal reference voltage (VREF = 2.048V), it needs
a voltage divider circuit to prevent the output code from
being saturated. In the example, R1 and R2 form a volt-
age divider. The R1 and R2 are set to yield VIN to be
less
than
the
internal
reference
voltage
(VREF = 2.048V).
If the input voltage range is much less than the internal
reference voltage, the voltage divider at the input pin is
not needed, and the user may use the internal PGA
with a gain of up to 8.
When the voltage divider or internal PGA is used for the
input signal, these factor must be taken into account
when the user converts the output codes to the actual
input voltage.
Find the Microchip Application Note AN1156 for the
input voltage and current measurement using the
MCP342X device family. The MCU firmware is well
documented in the reference.
FIGURE 6-5:
Battery Voltage
Measurement.
6.2.2
CURRENT MEASUREMENT
Figure 6-6
shows
a
circuit
example
of
current
measurement. For the current measurement, the
device measures the voltage across the current sensor,
and converts it to current by dividing the measured
voltage by a known resistance value of the current
sensor. The voltage drops across the sensor is waste.
Therefore, the current measurement often prefers to
use a current sensor with smaller resistance value,
which, in turn, requires high resolution ADC device.
The high precision MCP342x devices from Microchip
Technology
Inc.
are
suitable
for
the
current
measurement with low resistive current sensors. These
devices can measure the input voltage as low as 2 µV
range (or current in ~ µA range) with 18 bit resolution
and PGA = 8 settings. The MSB (= sign bit) of the
output code indicates the direction of the current.
FIGURE 6-6:
Battery Current
Measurement.
Output Code
LSB
R
1
R
2
+
R
2
-------------------
×
×
1
PGA
-----------
×
=
R1
Battery
R1 and R2 = Voltage Divider
V
IN
R
2
R
1
R
2
+
-------------------
V
BAT
×
=
(V)
To Load
VIN+
VIN-
VDD
Input Voltage Calculation from Output Code:
R2
Measured Analog Input Voltage
VBAT
MCP3421
Battery
(V)
To Load
VIN-
VDD
VIN+
Current Sensor
Discharging Current
Charging
Current
Current Calculation from Output Code:
Current
Output Code
LSB
×
RSensor
()
----------------------------------------------------
1
PGA
------------
A
()
×
=
MCP3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com