Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP3421 Datasheet HTML 33Page - Microchip Technology MCP3421 Datasheet HTML 34Page - Microchip Technology MCP3421 Datasheet HTML 35Page - Microchip Technology MCP3421 Datasheet HTML 36Page - Microchip Technology MCP3421 Datasheet HTML 37Page - Microchip Technology MCP3421 Datasheet HTML 38Page - Microchip Technology MCP3421 Datasheet HTML 39Page - Microchip Technology MCP3421 Datasheet HTML 40Page - Microchip Technology MCP3421 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22003E-page 37
MCP3421
APPENDIX A: REVISION HISTORY
Revision E (August 2009)
The following is the list of modifications:
1.
Updated
Section 4.1 “General Overview”.
2.
Added new section:
Section 4.5 “Input Voltage
Range”.
3.
Restructured information in
Section 4.9 “Digi-
tal Output Codes and Conversion to Real
Values”.
4.
Updated information in Table 5-4 in
Section 5.0
“Using the MCP3421 Device”.
5.
Updated section
Section 6.0 “Basic Applica-
tion Configuration”.
6.
Added new
Section 7.0 “Development Tool
Support”.
7.
Updated drawings in
Section 8.0 “Packaging
Information”.
Revision D (November 2007)
The following is the list of modifications:
1.
Section 1.0 Electrical Characteristics: Changed
Gain Error Drift typical from 5 to 15, and
Maximum from 40 to —.
Revision C (October 2007)
The following is the list of modifications:
1.
Figure 5-4: Changed O/C designation to O/C.
2.
Updated package outline drawing.
3.
Updated revision history.
Revision B (December 2006)
The following is the list of modifications:
1.
Changes to Electrical Characteristics tables
2.
Added characterization data
3.
Changes to I2C Serial Timing Specification table
4.
Change to Figure 5-7.
5.
Updated package outline drawings
Revision A (August 2006)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com