Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 179 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 179 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 175Page - Microchip Technology PIC18F44J10 Datasheet HTML 176Page - Microchip Technology PIC18F44J10 Datasheet HTML 177Page - Microchip Technology PIC18F44J10 Datasheet HTML 178Page - Microchip Technology PIC18F44J10 Datasheet HTML 179Page - Microchip Technology PIC18F44J10 Datasheet HTML 180Page - Microchip Technology PIC18F44J10 Datasheet HTML 181Page - Microchip Technology PIC18F44J10 Datasheet HTML 182Page - Microchip Technology PIC18F44J10 Datasheet HTML 183Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 177
PIC18F45J10 FAMILY
16.4.6.1
I2C Master Mode Operation
The master device generates all of the serial clock
pulses and the Start and Stop conditions. A transfer is
ended with a Stop condition or with a Repeated Start
condition. Since the Repeated Start condition is also
the beginning of the next serial transfer, the I2C bus will
not be released.
In Master Transmitter mode, serial data is output
through SDAx, while SCLx outputs the serial clock. The
first byte transmitted contains the slave address of the
receiving device (7 bits) and the Read/Write (R/W) bit.
In this case, the R/W bit will be logic ‘0’. Serial data is
transmitted 8 bits at a time. After each byte is transmit-
ted, an Acknowledge bit is received. Start and Stop
conditions are output to indicate the beginning and the
end of a serial transfer.
In Master Receive mode, the first byte transmitted
contains the slave address of the transmitting device
(7 bits) and the R/W bit. In this case, the R/W bit will be
logic ‘1’. Thus, the first byte transmitted is a 7-bit slave
address followed by a ‘1’ to indicate the receive bit.
Serial data is received via SDAx, while SCLx outputs
the serial clock. Serial data is received 8 bits at a time.
After each byte is received, an Acknowledge bit is
transmitted. Start and Stop conditions indicate the
beginning and end of transmission.
The Baud Rate Generator used for the SPI mode
operation is used to set the SCLx clock frequency for
either 100 kHz, 400 kHz or 1 MHz I2C operation. See
Section 16.4.7 “Baud Rate”
for more detail.
A typical transmit sequence would go as follows:
1.
The user generates a Start condition by setting
the Start Enable bit, SEN (SSPxCON2<0>).
2.
SSPxIF is set. The MSSP module will wait the
required start time before any other operation
takes place.
3.
The user loads the SSPxBUF with the slave
address to transmit.
4.
Address is shifted out the SDAx pin until all 8 bits
are transmitted.
5.
The MSSP module shifts in the ACK bit from the
slave device and writes its value into the
SSPxCON2 register (SSPxCON2<6>).
6.
The MSSP module generates an interrupt at the
end of the ninth clock cycle by setting the
SSPxIF bit.
7.
The user loads the SSPxBUF with eight bits of
data.
8.
Data is shifted out the SDAx pin until all 8 bits
are transmitted.
9.
The MSSP module shifts in the ACK bit from the
slave device and writes its value into the
SSPxCON2 register (SSPxCON2<6>).
10. The MSSP module generates an interrupt at the
end of the ninth clock cycle by setting the
SSPxIF bit.
11. The user generates a Stop condition by setting
the Stop Enable bit, PEN (SSPxCON2<2>).
12. Interrupt is generated once the Stop condition is
complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com